công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL1003A400 bảng dữ liệu(PDF) 1 Page - Littelfuse

tên linh kiện SL1003A400
Giải thích chi tiết về linh kiện  Gas Discharge Tube (GDT) Products SL1003A Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1003A400 bảng dữ liệu(HTML) 1 Page - Littelfuse

  SL1003A400 Datasheet HTML 1Page - Littelfuse SL1003A400 Datasheet HTML 2Page - Littelfuse SL1003A400 Datasheet HTML 3Page - Littelfuse SL1003A400 Datasheet HTML 4Page - Littelfuse SL1003A400 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
40
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1003A Series
SL1003A Series
Description
Features
• RoHS compliant
• Low insertion loss
• Surface mountable
• 5kA surge capability
tested with 8/20/μs
pulse as defined by IEC
61000-4-5
• GHz working frequency
• Excellent response to
fast rising transients
• Can be used to meet
Telcordia GR1089
without series
resistance
• 10/700 6kV capability,
as per ITU-Tk.21,
enhanced test level
• 2000 Amp 2/10μs surge
rating
Applications
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment
AGENCY
AGENCY FILE NUMBER
®
E128662
Agency Approvals
®
SL1003A Series
Revised: November 10, 2009
The SL1003A series has been especially developed
for Broadband equipment. Special design features
provide high levels of protection against fast rising
transients in the 100V/μs to 1kV/μs range usually
caused by lightning disturbances.
These devices have ultra low capacitance 1.5pF and
present insignificant signal losses up to 1.5GHz.
These devices are extremely robust and are able to
divert a 5000A pulse without destruction. For AC
Power Cross of long duration, over-current protection
is recommended.
3 Electrode GDT Graphical Symbol


Số phần tương tự - SL1003A400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A400 LITTELFUSE-SL1003A400 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Mô tả tương tự - SL1003A400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
SL1003A090SM LITTELFUSE-SL1003A090SM Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products SL1003A Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com