công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UF100G bảng dữ liệu(PDF) 1 Page - Yea Shin Technology Co., Ltd

tên linh kiện UF100G
Giải thích chi tiết về linh kiện  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YEASHIN [Yea Shin Technology Co., Ltd]
Trang chủ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF100G bảng dữ liệu(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF100G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF100G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULT RAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FE A T URES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
• Void-free Plastic in DO-41 package
• 1.0 ampere operation at TA=55 OC with no thermal runaway
• Exceeds environmental standards of MIL-S-19500/228
• Ultra fast switching for high efficiency
High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
• Case: Molded plastic, DO -41 GLASS PASSIVATION
• Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
• Polarity: Band denotes cathode
• Mounting Position: Any
• Weight: 0.013 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
UF100G UF101G UF102G UF104G UF106G UF108G UF1010G
UNITS
Peak Rev erse Volt age, Pepetitive ; VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
DC Bl ocki ng Voltage; VR
50
100
200
400
600
800
1000
V
Average Forward Current, Io @TA=55
3.8”
lead length, 60Hz, resistive or i nductive load
1.0
A
Peak Forward Surge Current IFM (surge)
8.3msec . single half sine- wave superimposed on rated load
(JEDEC method)
30.0
A
Maximum For ward Voltage VF @1.0A, 25
1.00
1.30
1.50
1.70
V
Maxi mum Reverse Current, @ Rated TJ=25
Reverse Voltage TJ=100
5
100
µA
µA
Typi cal Junction capacitance (Note 1) CJ
17.0
pF
Typi cal Junction Resi stance (Note 2) R JA
60.0
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
50
75
ns
Operati ng and Storage Temperature Range
-55 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2. Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
.034 (.86)
.028 (.71)
.205 (5.2)
.160 (4.1)
.107 (2.7)
.080 (2.0)
DIA.
DIA.
DO-41
Unit:inch(mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
DATA SHEET
UF100G~UF1010G
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C/W
°C
°C
°C
°C


Số phần tương tự - UF100G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
UF100G PANJIT-UF100G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF100G TRSYS-UF100G Datasheet
161Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF100G PANJIT-UF100G Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100G PANJIT-UF100G Datasheet
113Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
UF100G ZSELEC-UF100G Datasheet
89Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Mô tả tương tự - UF100G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF150 YEASHIN-UF150 Datasheet
41Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com