công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC78T15CT bảng dữ liệu(PDF) 8 Page - Fairchild Semiconductor

tên linh kiện MC78T15CT
Giải thích chi tiết về linh kiện  3-Terminal 3A Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78T15CT bảng dữ liệu(HTML) 8 Page - Fairchild Semiconductor

  MC78T15CT Datasheet HTML 1Page - Fairchild Semiconductor MC78T15CT Datasheet HTML 2Page - Fairchild Semiconductor MC78T15CT Datasheet HTML 3Page - Fairchild Semiconductor MC78T15CT Datasheet HTML 4Page - Fairchild Semiconductor MC78T15CT Datasheet HTML 5Page - Fairchild Semiconductor MC78T15CT Datasheet HTML 6Page - Fairchild Semiconductor MC78T15CT Datasheet HTML 7Page - Fairchild Semiconductor MC78T15CT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC78TXX
11/12/02 0.0m 001
Stock#DSxxxxxxxx
 2002 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.


Số phần tương tự - MC78T15CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC78T15CT MOTOROLA-MC78T15CT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T15CT ONSEMI-MC78T15CT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
MC78T15CT ONSEMI-MC78T15CT Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results

Mô tả tương tự - MC78T15CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA78T15TU FAIRCHILD-KA78T15TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com