công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV358AM8X bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện LMV358AM8X
Giải thích chi tiết về linh kiện  General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LMV358AM8X bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  LMV358AM8X Datasheet HTML 1Page - Fairchild Semiconductor LMV358AM8X Datasheet HTML 2Page - Fairchild Semiconductor LMV358AM8X Datasheet HTML 3Page - Fairchild Semiconductor LMV358AM8X Datasheet HTML 4Page - Fairchild Semiconductor LMV358AM8X Datasheet HTML 5Page - Fairchild Semiconductor LMV358AM8X Datasheet HTML 6Page - Fairchild Semiconductor LMV358AM8X Datasheet HTML 7Page - Fairchild Semiconductor LMV358AM8X Datasheet HTML 8Page - Fairchild Semiconductor LMV358AM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DATA SHEET
LMV321/LMV358/LMV324
4
REV. 1A April 2004
Electrical Specifications
(Tc = 25°C, Vs = +5V, G = 2, RL = 10kΩ to Vs/2, Rf = 10kΩ, Vo (DC) = Vcc/2; unless otherwise noted)
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC Performance
Gain Bandwidth Product
CL = 50pF, RL =2kΩ to Vs/2
1.4
MHz
Phase Margin
73
deg
Gain Margin
12
dB
Slew Rate
1.5
V/
µs
Input Voltage Noise
>50kHz
33
nV/
√Hz
Crosstalk: LMV358
100kHz
91
dB
LMV324
100kHz
80
dB
DC Performance
Input Offset Voltage1
17
mV
Average Drift
6
µV/°C
Input Bias Current2
<1
nA
Input Offset Current2
<1
nA
Power Supply Rejection Ratio1
DC
50
65
dB
Open Loop Gain1
50
70
dB
Supply Current (Per Channel)1
100
150
µA
Input Characteristics
Input Common Mode Voltage Range1 LO
0
-0.4
V
HI
3.8
3.6
V
Common Mode Rejection Ratio1
50
75
dB
Output Characteristics
Output Voltage Swing
RL = 2kΩ to Vs/2; LO/HI
0.036 to 4.95
V
RL = 10kΩ to Vs/2; LO1
0.1
0.013
V
RL = 10kΩ to Vs/2; HI1
4.98
4.9
V
Short Circuit Output Current1
sourcing; Vo = 0V
5
+34
mA
sinking; Vo = 5V
10
-23
mA
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Notes:
1. Guaranteed by testing or statistical analysis at +25°C.
2. +IN and -IN are gates to CMOS transistors with typical input bias current of <1nA. CMOS leakage is too small to practically measure.
Package Thermal Resistance
Package
θ
JA
5 lead SC70
331.4°C/W
5 lead SOT23
256°C/W
8 lead SOIC
152°C/W
8 lead MSOP
206°C/W
14 lead TSSOP
100°C/W
14 lead SOIC
88°C/W


Số phần tương tự - LMV358AM8X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
LMV358AM8X FAIRCHILD-LMV358AM8X_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
More results

Mô tả tương tự - LMV358AM8X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132 Datasheet
390Kb / 11P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com