công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM324A bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện LM324A
Giải thích chi tiết về linh kiện  Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM324A bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  LM324A Datasheet HTML 1Page - Fairchild Semiconductor LM324A Datasheet HTML 2Page - Fairchild Semiconductor LM324A Datasheet HTML 3Page - Fairchild Semiconductor LM324A Datasheet HTML 4Page - Fairchild Semiconductor LM324A Datasheet HTML 5Page - Fairchild Semiconductor LM324A Datasheet HTML 6Page - Fairchild Semiconductor LM324A Datasheet HTML 7Page - Fairchild Semiconductor LM324A Datasheet HTML 8Page - Fairchild Semiconductor LM324A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM2902,LM324/LM324A,LM224/LM224A
3
Electrical Characteristics
(VCC = 5.0V, VEE = GND, TA = 25
°C, unless otherwise specified)
Note :
1. VCC=30V for LM224 and LM324 , VCC = 26V for LM2902
2. This parameter, although guaranteed, is not 100% tested in production.
Parameter
Symbol
Conditions
LM224
LM324
LM2902
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Input Offset
Voltage
VIO
VCM = 0V to VCC
-1.5V
VO(P) = 1.4V, RS
= 0
Ω (Note1)
-
1.5
5.0
-
1.5
7.0
-
1.5
7.0
mV
Input Offset
Current
IIO
VCM = 0V
-
2.0
30
-
3.0
50
-
3.0
50
nA
Input Bias Current
IBIAS
VCM = 0V
-
40
150
-
40
250
-
40
250
nA
Input Common-
Mode Voltage
Range
VI(R)
Note1
0
-
VCC
-1.5
0
VCC
-1.5
-
0
-
VCC
-1.5
V
Supply Current
ICC
RL =
∞,VCC = 30V
(LM2902,VCC=26V)
-
1.0
3
-
1.0
3
-
1.0
3
mA
RL =
∞,VCC = 5V
-
0.7
1.2
-
0.7
1.2
-
0.7
1.2
mA
Large Signal
Voltage Gain
GV
VCC = 15V,RL=2k
VO(P) = 1V to 11V
50
100
-
25
100
-
25
100
-
V/
mV
Output Voltage
Swing
VO(H)
Note1
RL = 2k
26
-
-
26
-
-
22
-
-
V
RL=10k
27
28
-
27
28
-
23
24
-
V
VO(L)
VCC = 5V,RL=10k
-
5
20
-
5
20
-
5
100
mV
Common-Mode
Rejection Ratio
CMRR
-
70
85
-
65
75
-
50
75
-
dB
Power Supply
Rejection Ratio
PSRR
-
65
100
-
65
100
-
50
100
-
dB
Channel
Separation
CS
f = 1kHz to 20kHz
(Note2)
-
120
-
-
120
-
-
120
-
dB
Short Circuit to
GND
ISC
VCC = 15V
-
40
60
-
40
60
-
40
60
mA
Output Current
ISOURCE
VI(+) = 1V, VI(-) = 0V
VCC = 15V
VO(P) = 2V
20
40
-
20
40
-
20
40
-
mA
ISINK
VI(+) = 0V, VI(-) = 1V
VCC = 15V
VO(P) = 2V
10
13
-
10
13
-
10
13
-
mA
VI(+) = 0V, VI(-) = 1V
VCC = 5V,VO(R) =
200mV
12
45
-
12
45
----
µA
Differential Input
Voltage
VI(DIFF)
--
-
VCC
--
VCC
--
VCC
V


Số phần tương tự - LM324A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
LM324A PHILIPS-LM324A Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
3PEAK INC.
LM324A 3PEAK-LM324A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
logo
STMicroelectronics
LM324A STMICROELECTRONICS-LM324A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
ARTSCHIP ELECTRONICS CO...
LM324A ARTSCHIP-LM324A Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
logo
ON Semiconductor
LM324A ONSEMI-LM324A Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Mô tả tương tự - LM324A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com