công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM224AM bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện LM224AM
Giải thích chi tiết về linh kiện  Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM224AM bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  LM224AM Datasheet HTML 1Page - Fairchild Semiconductor LM224AM Datasheet HTML 2Page - Fairchild Semiconductor LM224AM Datasheet HTML 3Page - Fairchild Semiconductor LM224AM Datasheet HTML 4Page - Fairchild Semiconductor LM224AM Datasheet HTML 5Page - Fairchild Semiconductor LM224AM Datasheet HTML 6Page - Fairchild Semiconductor LM224AM Datasheet HTML 7Page - Fairchild Semiconductor LM224AM Datasheet HTML 8Page - Fairchild Semiconductor LM224AM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM2902,LM324/LM324A,LM224/LM224A
4
Electrical Characteristics (Continued)
(VCC = 5.0V, VEE = GND, unless otherwise specified)
The following specification apply over the range of -25
°C ≤ TA ≤ + 85°C for the LM224; and the 0°C ≤ TA ≤ +70°C
for the LM324 ; and the -40
°C ≤ TA ≤ +85°C for the LM2902
Note:
1. VCC=30V for LM224 and LM324 , VCC = 26V for LM2902
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
LM224
LM324
LM2902
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Input Offset Voltage
VIO
VICM = 0V to VCC
-1.5V
VO(P) = 1.4V,
RS = 0
Ω (Note1)
-
-
7.0
-
-
9.0
-
-
10.0
mV
Input Offset Voltage
Drift
∆VIO/∆TRS = 0Ω (Note2)
-
7.0
-
-
7.0
-
-
7.0
-
µV/°C
Input Offset Current
IIO
VCM = 0V
-
-
100
-
-
150
-
-
200
nA
Input Offset Current
Drift
∆IIO/∆TRS = 0Ω (Note2)
-
10
-
-
10
-
-
10
-
pA/
°C
Input Bias Current
IBIAS
VCM = 0V
-
-
300
-
-
500
-
-
500
nA
Input Common-Mode
Voltage Range
VI(R)
Note1
0
-
VCC
-2.0
0-
VCC
-2.0
0-
VCC
-2.0
V
Large Signal Voltage
Gain
GV
VCC = 15V,
RL = 2.0k
VO(P) = 1V to 11V
25
-
-
15
-
-
15
-
-
V/mV
Output Voltage
Swing
VO(H)
Note1
RL=2k
26
-
-
26
-
-
22
-
-
V
RL=10k
Ω 27
28
-
27
28
-
23
24
-
V
VO(L)
VCC = 5V,
RL=10k
-5
20
-
5
20
-
5
100
mV
Output Current
ISOURCE
VI(+) = 1V, VI(-)
= 0V VCC = 15V,
VO(P) = 2V
10
20
-
10
20
-
10
20
-
mA
ISINK
VI(+) = 0V,
VI(-) = 1V
VCC = 15V,
VO(P) = 2V
10
13
-
5
8
-
5
8
-
mA
Differential Input
Voltage
VI(DIFF)
--
-
VCC
--
VCC
--
VCC
V


Số phần tương tự - LM224AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LM224A STMICROELECTRONICS-LM224A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
Texas Instruments
LM224A TI-LM224A Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
LM224A TI-LM224A Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM224A TI1-LM224A Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
logo
STMicroelectronics
LM224A STMICROELECTRONICS-LM224A Datasheet
879Kb / 16P
   Low Power Quad Operational Amplifiers
February 2005 Revision 2
More results

Mô tả tương tự - LM224AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com