công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7824KRZ bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
AD7824KRZ bảng dữ liệu(HTML) 10 Page - Analog Devices |
10 / 16 page AD7824/AD7828 –10– REV. F MICROPROCESSOR INTERFACING The AD7824/AD7828 is designed to interface to microprocessors as Read Only Memory (ROM). Analog channel selection, con- version start, and data read operations are controlled by CS, RD, and the channel address inputs. These signals are common to all memory peripheral devices. Z80 MICROPROCESSOR Figure 16 shows a typical AD7824/AD7828–Z80 interface. The AD7824/AD7828 is operating in Mode 0. Assume the ADC is assigned a memory block starting at address C000. The follow- ing LOAD instruction to any of the addresses listed in Table II will start a conversion of the selected channel and read the conversion result. LD B, (C000) At the beginning of the instruction cycle when the ADC address is selected, RDY asserts the WAIT input so that the Z80 is forced into a WAIT state. At the end of conversion, RDY returns high and the conversion result is placed in the B register of the microprocessor. DATA BUS ADDRESS BUS ADDRESS DECODE EN 5V 5k A0 A1 A2 Z80 AD7824* AD7828* A15 A0 MREQ WAIT RD D7 D0 CS RDY RD DB7 DB0 A0 A1 A2** LINEAR CIRCUITRY OMITTED FOR CLARITY. FOR THE AD7828 ONLY ** * Figure 16. AD7824/AD7828–Z80 lnterface Table II. Address Channel Selection AD7824 AD7828 Address Channel Channel C000 1 1 C001 2 2 C002 3 3 C003 4 4 C004 5 C005 6 C006 7 C007 8 MC68000 MICROPROCESSOR Figure 17 shows an MC68000 interface. The AD7824/AD7828 is operating in Mode 0. Assume the ADC is again assigned a memory block starting at address C000. A MOVE instruction to any of the addresses in Table II starts a conversion and reads the conversion result. MOVE × B $C000, D0 Once conversion has begun, the MC68000 inserts WAIT states until INT goes low, asserting DTACK at the end of conversion. The microprocessor then places the conversion results into the D0 register. DATA BUS ADDRESS BUS ADDRESS DECODE EN 5V 5k A0 A1 A2 AD7824* AD7828* A23 A1 D7 D0 CS RDY RD DB7 DB0 A0 A1 A2** CLR D CK Q 7474 DTACK R/ W AS MC68000 LINEAR CIRCUITRY OMITTED FOR CLARITY. FOR THE AD7828 ONLY ** * Figure 17. AD7824/AD7828–MC68000 Interface TMS32010 MICROCOMPUTER A TMS32010 interface is shown in Figure 18. The AD7824/ AD7828 is operating in Mode 1 (i.e., no µP WAIT states). The ADC is mapped at a port address. The following I/O instruction starts a conversion and reads the previous conversion result into the accumulator. IN, A PA (PA = PORT ADDRESS) The port address (000 to 111) selects the analog channel to be converted. When conversion is complete, a second I/O instruc- tion (IN, A PA) reads the up-to-date data into the accumulator and starts another conversion. A delay of 2.5 µs must be allowed between conversions. DATA BUS A2** AD7824* AD7828* A1 A0 CS RD DB7 DB0 PA2 PA1 PA0 MEN DEN D7 D0 TMS32010 LINEAR CIRCUITRY OMITTED FOR CLARITY. FOR THE AD7828 ONLY ** * Figure 18. AD7824/AD7828–TMS32010 Interface |
Số phần tương tự - AD7824KRZ |
|
Mô tả tương tự - AD7824KRZ |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |