công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14011BF bảng dữ liệu(PDF) 6 Page - ON Semiconductor |
|
MC14011BF bảng dữ liệu(HTML) 6 Page - ON Semiconductor |
6 / 14 page MC14001B Series http://onsemi.com 6 TYPICAL B−SERIES GATE CHARACTERISTICS N−CHANNEL DRAIN CURRENT (SINK) P−CHANNEL DRAIN CURRENT (SOURCE) - 40 °C + 85 °C + 125 °C Figure 2. VGS = 5.0 Vdc Figure 3. VGS = − 5.0 Vdc 1.0 3.0 5.0 4.0 2.0 0 1.0 3.0 5.0 4.0 2.0 0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) - 1.0 0 0 TA = - 55°C Figure 4. VGS = 10 Vdc Figure 5. VGS = − 10 Vdc 16 14 12 10 8.0 6.0 4.0 2.0 0 5.0 3.0 1.0 10 8.0 6.0 4.0 2.0 0 0 0 Figure 6. VGS = 15 Vdc Figure 7. VGS = − 15 Vdc 0 0 0 0 - 40 °C + 25 °C + 85 °C + 125 °C - 1.0 - 3.0 - 5.0 - 4.0 - 2.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) TA = - 55°C + 25 °C TA = - 55°C - 40 °C + 25 °C + 85 °C + 125 °C VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) TA = - 55°C - 40 °C + 25 °C + 85 °C + 125 °C 18 20 9.0 7.0 - 5.0 - 3.0 - 1.0 - 10 - 8.0 - 6.0 - 4.0 - 2.0 - 9.0 - 7.0 - 40 - 35 - 30 - 25 - 20 - 15 - 10 - 5.0 - 45 - 50 10 6.0 2.0 20 16 12 8.0 4.0 18 14 TA = - 55°C - 40 °C + 25 °C + 85 °C - 10 - 6.0 - 2.0 - 20 - 16 - 12 - 8.0 - 4.0 - 18 - 14 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 - 90 - 100 40 35 30 25 20 15 10 5.0 45 50 TA = - 55°C - 40 °C + 25 °C + 85 °C - 2.0 - 3.0 - 4.0 - 5.0 - 6.0 - 7.0 - 8.0 - 9.0 - 10 + 125 °C + 125 °C These typical curves are not guarantees, but are design aids. Caution: The maximum rating for output current is 10 mA per pin. |
Số phần tương tự - MC14011BF |
|
Mô tả tương tự - MC14011BF |