công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33730ER bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC33730ER
Giải thích chi tiết về linh kiện  Switch Mode Power Supply with Multiple Linear Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33730ER bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33730ER Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33730ER Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33730ER Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33730ER Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33730ER Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33730ER Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33730ER Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33730ER Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33730ER Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33730
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 5. Static Electrical Characteristic
Characteristics noted under conditions 6.0 V
≤ KA_V
BAT = V
BAT ≤ 26.5 V, -40°C ≤ TA ≤ 125°C using the typical application circuit,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
GENERAL
Keep-Alive Start-up Voltage (at the KA_VBAT pin), VKAM Output Up
VKAM_STUP
4.5
V
Start-up Voltage (at the KA_VBAT pin), VDD3, VDD3 standby, VDDL Up
VSTUP
4.5
V
Over-voltage Shutdown
Voltage at KA_VBAT pin rising
VSHDN_R
35
42
V
Under-voltage Lock-out
Voltage at KA_VBAT pin falling
Voltage at KA_VBAT pin rising
Under-voltage Lock-out Hysteresis(7)
VUVLO_F
VUVLO_R
VUVLO_HYS
3.6
3.7
0.1
4.3
4.4
V
Sleep Quiescent Current (Sleep mode)
VIGN = 0 V, REGON = 0 V, IVKAM = 0 mA, VDD3 OFF, VBAT = 14.0 V,
KA_VBAT = 14 V (P1=1, P2=1, P3=1)
IQ
500
µA
SWITCHING REGULATOR (VDDH)
Buck Converter Output Voltage
VBAT = 6.0 to 26.5 V, ILOAD = 100 mA
VBAT = 26.5 to 35 V, ILOAD = 100 mA
VDDH
4.9
4.85
5.0
5.0
5.1
5.15
V
Switching Regulator Current Limit (see Figure 5)
Pulse-by-Pulse Current Limit
Extreme Current Limit (see Figure 5)(7)
ILIM_SW
ILIM_SW_EX
-2.25
-3.75
-3.5
-4.5
-4.25
-6.00
A
SW Drain Source On Resistance(7)
ID = 500 mA, VBAT = 5.0 V
RDS(ON)
200
m
Ω
Thermal Shutdown Junction Temperature(7)
TSH
TSL
155
195
°C
Thermal Shutdown Hysteresis(7)
TSHYS
1.0
20
°C
VDD3 LINEAR REGULATOR
VDD3 Output Voltage (Includes Line and Load Regulation)
IVDD3 = 0 to -500 mA, See Table 2 for VDD3 Output Settings
VDD3
-3.0
3.0
%
VDD3 Dropout Voltage (VDDH - VDD3)
IVDD3 = -800 mA (VDD3 set to 3.3 V via P1, P2, P3 and with an
external transistor)
VDD3_DO
1.1
1.5
V
VDD3_B Current Limit, VDD3_B = 0 V,
KA_VBAT = 14 V, VBAT = 14 V
KA_VBAT = 5.0 V, VBAT = 5.0 V
IVDD3B_Lim
-20
-20
-50
-50
mA
Notes
7.
Guaranteed By Design.


Số phần tương tự - MC33730ER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33730 FREESCALE-MC33730 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
More results

Mô tả tương tự - MC33730ER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
33394 NXP-33394 Datasheet
803Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
Rev. 2.5, 11/2002
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
logo
Freescale Semiconductor...
33394 FREESCALE-33394 Datasheet
639Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com