công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SE4CWL bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SE4CWL
Giải thích chi tiết về linh kiện  MC9S08SE8/4 Do more with less
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SE4CWL bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S08SE4CWL Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08SE4CWL Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LearnMore: For current information about Freescale
products and documentation, please visit
www.freescale.com/8bit.
Features
Benefits
Ganged Output Option for PTB (5:2) and PTC (3:0)
• Allowssinglewritetochangestateofmultiplepins
• Providesoptiontotiemultiplepinsfromdifferent
portstosamecontrolregisters
• Safelydrivesmultipleoutputs
Multiple Serial Communication Options
• Serialcommunicationinterfacemodulewithoption
for13-bitbreakcapabilitiesanddouble-buffered
transmitandreceive
• Allserialperipheralsavailableforuseinparallelon
16-pindevices
10-channel, 10-bit Analog-to-Digital Converter (ADC)
• Automaticcomparefunction,software
programmableforgreaterthan,equalto
orlessthanconditions
• Easyinterfacetoanaloginputs,suchassensors
• Usedtosetconversioncompleteandgenerate
interruptonlywhenresultmatchescondition
• Asynchronousclocksource
• CanbeusedtoruntheADCwhenMCUclocksareoff,
suchasinSTOP3low-powermode
• Temperaturesensor
• Calculatestemperaturewithoutanyexternalcomponents
andsavesanADCinputchannelforotheruse
• HardwaretriggerableusingtheRTCcounter
• TakesperiodicmeasurementswithoutCPU
involvement;canbeusedinSTOP3withcompare
functiontotakemeasurementandwakeMCUfrom
STOP3onlywhencomparelevelisreached
• Low-powerandhigh-speedoptions
• Flexibleconfigurationtomeethigh-performanceand
low-powerrequirements
Real-Time Counter (RTC)
• 8-bitmoduluscounterwithbinaryor
decimal-basedprescaler
• Serveasacyclicwakeupfromlow-powermodes
withouttheneedofexternalcomponents
• Threesoftwareselectableclocksources:1kHz
internallow-poweroscillator,externalclockand
32kHzinternalclock
• Providesprecisetimebasefortime-of-day,calendaror
taskschedulingfunctions
Three Timer Modules
• Programmable16-bittimer/PWMmodules(TPM1
andTPM2)
• Eachchannelisindependentlyprogrammableforinput
capture,outputcompare,bufferededge-alignedpulse
widthmodulation(PWM)orbufferedcenter-alignedPWM
System Protection
• Watchdogcomputeroperatingproperly(COP)reset
withoptiontorunfromdedicated1kHzinternal
clocksourceorbusclock
• Resetsdeviceininstanceofrunawayorcorruptedcode
• Independentclocksourceprovidesadditionalprotection
incaseoflossofclock
• Low-voltagedetectionwithresetorinterrupt
• Allowssystemtowrite/saveimportantvariablesbefore
voltagedropstoolow
• Canholddeviceinresetuntilreliablevoltagelevelsare
reappliedtothepart
• Illegalopcodedetectionwithreset
• Resetsdeviceininstanceofrunawayorcorruptedcode
• SecurityfeatureforflashandRAM
• Preventsunauthorizedaccesstomemorytoprotecta
customer’svaluablesoftwareIP
• Always-onpower-onreset(POR)circuitry
• Significantlyreducesriskofcoderunawaydueto
brownoutsituations
Development Support
• Backgrounddebuggingsystem
• On-chipin-circuitemulation(ICE)withreal-time
buscapture
• Providessingle-wiredebuggingandemulationinterface;
eliminatestheneedforexpensiveemulationtools
• Providescircuitemulationwithouttheneedfor
additional,expensivedevelopmenthardware
FreescaleandtheFreescalelogoaretrademarksorregisteredtrademarksofFreescaleSemiconductor,Inc.
intheU.S.andothercountries.Allotherproductorservicenamesarethepropertyoftheirrespectiveowners.
©FreescaleSemiconductor,Inc.2008.
DocumentNumber:MC9S08SE8FS/REV0
Agile3:926-78276/REVA
Package Options
Package Options
Part Number
Package
Temp. Range
Part Number
Package
Temp. Range
MC9S08SE8CWL
SOIC28
-40°C to +85°C
MC9S08SE4VTG
TSSOP16
-40°C to +105°C
MC9S08SE4CWL
SOIC28
-40°C to +85°C
MC9S08SE8MTG
TSSOP16
-40°C to +125°C
MC9S08SE8VWL
SOIC28
-40°C to +105°C
MC9S08SE4MTG
TSSOP16
-40°C to +125°C
MC9S08SE4VWL
SOIC28
-40°C to +105°C
MC9S08SE8CRL
PDIP28
-40°C to +85°C
MC9S08SE8MWL
SOIC28
-40°C to +125°C
MC9S08SE4CRL
PDIP28
-40°C to +85°C
MC9S08SE4MWL
SOIC28
-40°C to +125°C
MC9S08SE8VRL
PDIP28
-40°C to +105°C
MC9S08SE8CTG
TSSOP16
-40°C to +85°C
MC9S08SE4VRL
PDIP28
-40°C to +105°C
MC9S08SE4CTG
TSSOP16
-40°C to +85°C
MC9S08SE8MRL
PDIP28
-40°C to +125°C
MC9S08SE8VTG
TSSOP16
-40°C to +105°C
MC9S08SE8MRL
PDIP28
-40°C to +125°C
Cost-Effective Development Tools
Part Number
Description
DEMO9S08SE8
$75*
Cost-effective
demonstrationboard
withpotentiometer,
LEDs,serialportand
built-inUSB-BDMcable
fordebuggingand
programming
M68CYCLONEPRO
$499*
HC08/HCS08/HC12/
HCS12stand-alone
flashprogrammeror
in-circuitemulator,
debugger,flash
programmer;USB,
serialorEthernet
interfaceoptions
USBMULTILINKBDM
$99*
UniversalHCS08
in-circuitdebugger
andflashprogrammer;
USBPCinterface
CWX-HXX-SE
Free**
CodeWarrior
SpecialEditionfor
Microcontrollers;includes
integrateddevelopment
environment(IDE),linker,
debugger,unlimited
assembler,Processor
Expertauto-code
generator,full-chip
simulationand32KBC
compilerlimitation
*PricesindicatedareMSRP.
**Subjecttolicenseagreementandregistration
Overview
TheMC9S08SE8/4strengthensFreescale’s
entrylevel8-bitmicrocontrollerportfolioby
extendingtheadvantagesoftheHCS08
coreandperipheralsto5V.Thehighly
integratedSEcontrollersgiveyouthechoice
ofcost-effectivehigher-pin-countdevices,
with20MHzCPU,forentry-levelproducts.
Functionalityisenhancedwithrichanalog
capabilities,acompletesetofserialmodules,
atemperaturesensorandrobustmemory
options,whichareidealforgeneral-purpose
consumerandindustrialapplicationsinthe
2.7Vto5.5Vrange.


Số phần tương tự - MC9S08SE4CWL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08SE4 NXP-MC9S08SE4 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
More results

Mô tả tương tự - MC9S08SE4CWL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
010188 ETC2-010188 Datasheet
554Kb / 2P
   A solid moulded core with soft outer grip, less force, yet achieves 40% more torque
logo
STMicroelectronics
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
   For more and more applications using STM32 products
logo
Naina Semiconductor ltd...
1N2970 NAINA-1N2970_17 Datasheet
147Kb / 2P
   Hermetically sealed DO-4 outline
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
   Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
Jiangsu High diode Semi...
HER101 HDSEMI-HER101 Datasheet
1Mb / 4P
   DO - 4 1 Plastic-Encapsulate Diodes
1N47-SERIES HDSEMI-1N47-SERIES Datasheet
1Mb / 5P
   DO-4 1 Glass-Encapsulate Diodes
logo
STMicroelectronics
STM32L5 STMICROELECTRONICS-STM32L5 Datasheet
774Kb / 2P
   Excellence in ultra-low power with more security
April 2020
logo
Jiangsu High diode Semi...
HER101G HDSEMI-HER101G Datasheet
1Mb / 4P
   DO - 4 1 Plastic-Encapsulate Diodes
logo
PHOENIX CONTACT
2863931 PHOENIX-2863931 Datasheet
143Kb / 5P
   IB IL 24 DO 4-ME
logo
STMicroelectronics
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
   In automotive more and more often comes in foreground
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com