công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC489A bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện BC489A
Giải thích chi tiết về linh kiện  High Current Transistors NPN Silicon These are Pb?묯ree Devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489A bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  BC489A Datasheet HTML 1Page - ON Semiconductor BC489A Datasheet HTML 2Page - ON Semiconductor BC489A Datasheet HTML 3Page - ON Semiconductor BC489A Datasheet HTML 4Page - ON Semiconductor BC489A Datasheet HTML 5Page - ON Semiconductor BC489A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BC489, BC489A
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−92 (TO−226)
CASE 29−11
ISSUE AM
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P AND
BEYOND DIMENSION K MINIMUM.
R
A
P
J
L
B
K
G
H
SECTION X−X
C
V
D
N
N
XX
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.20
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.021
0.407
0.533
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.015
0.020
0.39
0.50
K
0.500
−−−
12.70
−−−
L
0.250
−−−
6.35
−−−
N
0.080
0.105
2.04
2.66
P
−−−
0.100
−−−
2.54
R
0.115
−−−
2.93
−−−
V
0.135
−−−
3.43
−−−
1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. CONTOUR OF PACKAGE BEYOND
DIMENSION R IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P
AND BEYOND DIMENSION K MINIMUM.
R
A
P
J
B
K
G
SECTION X−X
C
V
D
N
XX
SEATING
PLANE
DIM
MIN
MAX
MILLIMETERS
A
4.45
5.20
B
4.32
5.33
C
3.18
4.19
D
0.40
0.54
G
2.40
2.80
J
0.39
0.50
K
12.70
−−−
N
2.04
2.66
P
1.50
4.00
R
2.93
−−−
V
3.43
−−−
1
T
STRAIGHT LEAD
BULK PACK
BENT LEAD
TAPE & REEL
AMMO PACK
STYLE 17:
PIN 1. COLLECTOR
2. BASE
3. EMITTER
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
BC489/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Số phần tương tự - BC489A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC489A MOTOROLA-BC489A Datasheet
235Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC489A ONSEMI-BC489A Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Continental Device Indi...
BC489A CDIL-BC489A Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Mô tả tương tự - BC489A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangdong Youtai Semico...
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
   These are Pb−Free Devices
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
NTMS5838NL ONSEMI-NTMS5838NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
April, 2011 ??Rev. 1
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
   Pb?묯ree Package is Available
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
   HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTORS
logo
ON Semiconductor
BC487 ONSEMI-BC487 Datasheet
81Kb / 6P
   High Current Transistors NPN Silicon
September, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com