công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1032 bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện ADM1032
Giải thích chi tiết về linh kiện  1C Remote and Local System Temperature Monitor Supports SMBus Alert
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032 bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button ADM1032_12 Datasheet HTML 6Page - ON Semiconductor ADM1032_12 Datasheet HTML 7Page - ON Semiconductor ADM1032_12 Datasheet HTML 8Page - ON Semiconductor ADM1032_12 Datasheet HTML 9Page - ON Semiconductor ADM1032_12 Datasheet HTML 10Page - ON Semiconductor ADM1032_12 Datasheet HTML 11Page - ON Semiconductor ADM1032_12 Datasheet HTML 12Page - ON Semiconductor ADM1032_12 Datasheet HTML 13Page - ON Semiconductor ADM1032_12 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADM1032
http://onsemi.com
10
Table 11. CONSECUTIVE ALERT REGISTER CODES
Register Value
Number of Out-of-Limit
Measurements Required
yxxx 000x
1
yxxx 001x
2
yxxx 011x
3
yxxx 111x
4
NOTE: x = don’t care bits, and y = SMBus timeout bit.
Default = 0. See SMBus section for more information.
Serial Bus Interface
Control of the ADM1032 is carried out via the serial bus.
The ADM1032 is connected to this bus as a slave device,
under the control of a master device.
There is a programmable SMBus timeout. When this is
enabled, the SMBus times out after typically 25 ms of no
activity. However, this feature is not enabled by default. To
enable it, set Bit 7 of the consecutive alert register
(Address = 22h).
Table 12. LIST OF ADM1032 REGISTERS
Read Address (Hex)
Write Address (Hex)
Name
Power-On Default
Not Applicable
Not Applicable
Address Pointer
Undefined
00
Not Applicable
Local Temperature Value
0000 0000 (00h)
01
Not Applicable
External Temperature Value High Byte
0000 0000 (00h)
02
Not Applicable
Status
Undefined
03
09
Configuration
0000 0000 (00h)
04
0A
Conversion Rate
0000 1000 (08h)
05
0B
Local Temperature High Limit
0101 0101 (55h) (85C)
06
0C
Local Temperature Low Limit
0000 0000 (00h) (0C)
07
0D
External Temperature High Limit High Byte
0101 0101 (55h) (85C)
08
0E
External Temperature Low Limit High Byte
0000 0000 (00h) (0C)
Not Applicable
0F
One-Shot
10
Not Applicable
External Temperature Value Low Byte
0000 0000
11
11
External Temperature Offset High Byte
0000 0000
12
12
External Temperature Offset Low Byte
0000 0000
13
13
External Temperature High Limit Low Byte
0000 0000
14
14
External Temperature Low Limit Low Byte
0000 0000
19
19
External THERM Limit
0101 0101 (55h) (85C) (ADM1032)
0110 1100 (6Ch) (108C)
(ADM1032−1)
20
20
Local THERM Limit
0101 0101 (55h) (85C)
21
21
THERM Hysteresis
0000 1010 (0Ah) (10C)
22
22
Consecutive ALERT
0000 0001 (01h)
FE
Not Applicable
Manufacturer ID
0100 0001 (41h)
FF
Not Applicable
Die Revision Code
Undefined
NOTE: Writing to Address 0F causes the ADM1032 to perform a single measurement. It is not a data register as such and it does not
matter what data is written to it.
Addressing the Device
In general, every SMBus device has a 7-bit device address
(except for some devices that have extended, 10-bit
addresses). When the master device sends a device address
over the bus, the slave device with that address responds.
The ADM1032 and the ADM1032−1 are available with one
SMBus address, which is Hex 4C (1001 100). The
ADM1032−2 is also available with one SMBus address;
however, that address is Hex 4D (1001 101).
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a
START condition, defined as a high-to-low
transition on the serial data line SDATA, while the
serial clock line SCLK remains high. This
indicates that an address/data stream follows. All
slave peripherals connected to the serial bus
respond to the START condition and shift in the
next eight bits, consisting of a 7-bit address (MSB
first) plus an R/W bit, which determines the


Số phần tương tự - ADM1032_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1032AR AD-ADM1032AR Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
ADM1032ARM AD-ADM1032ARM Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
More results

Mô tả tương tự - ADM1032_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
ON Semiconductor
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
ON Semiconductor
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com