công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCR100JZHID100 bảng dữ liệu(PDF) 4 Page - Rohm |
|
MCR100JZHID100 bảng dữ liệu(HTML) 4 Page - Rohm |
4 / 7 page 4/6 www.rohm.com ○ c 2012 ROHM Co., Ltd. All rights reserved. 2012.11 - Rev.D Data Sheet MCR series < Automotive > Derating Curve When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below. 0 20 40 60 80 100 −55 0 70 100 125 AMBIENT TEMPERATURE ( °C) MCR006 / 100 Characteristics Test Items Test Conditions Resistor Type Guaranteed Value Jumper Type Resistance Variation of resistance with temperature Solderability Damp heat, steady state Endurance at 70 °C Endurance Rapid change of temperature Bend strength of the end face plating Resistance to solvent Resistance to soldering heat Overload ± (2.0%+0.1Ω) Max. 50m Ω ± (1.0%+0.05Ω) ± (3.0%+0.1Ω) Max. 50m Ω Max. 100m Ω See "Products List" See "Products List" 20 °C No remarkable abnormality on the appearance. A new uniform coating of minimum of 95% of the surface being immersed and no soldering damage. Without mechanical damage such as breaks. Compliance Standard(s) : IEC60115 −8 JISC 5201 −8 Measurement : +20 / −55 / +20 / +125°C Soldering condition : 260 ±5°C Duration of immersion : 10 ±1s 40 °C, 93%RH (Relative Humidity) Test time : 1,000h to 1,048h ± (3.0%+0.1Ω) ± (3.0%+0.1Ω) ± (1.0%+0.05Ω) ± (1.0%+0.05Ω) ± (1.0%+0.05Ω) Max. 100m Ω Max. 100m Ω Max. 50m Ω Max. 50m Ω Max. 50m Ω 70 °C Rated voltage (current) 1.5h : ON − 0.5h : OFF Test time : 1,000h to 1,048h 125 °C (MCR006 / 25 / 50 / 100) 155 °C (MCR01 / 03 / 10 / 18) Test time : 1,000h to 1,048h 23 ±5°C, Immersion cleaning, 5±0.5min Solvent : 2 −propanol − Test temp. −55°C to +125°C 100cycle (MCR006 / 01 / 03) −55°C to +125°C 5cycle (MCR10 / 18 / 25 / 50 / 100) Rosin·Ethanol : 25% (Weight) Soldering condition : 235 ±5°C Duration of immersion : 2.0 ±0.5s Rated voltage (current) ×2.5, 2s. Maximum overload voltage Chip weight (typical value) Parameter Unit MCR006 YZP MCR01 MZP / PZPI MCR03 EZP / MZP / PZPI MCR10 EZP MCR18 EZP MCR25 JZH MCR50 JZH MCR100 JZH mg/pc 0.157 0.70 2.12 5.03 9.46 16.5 25.8 42.0 Weight MCR01 / 03 / 10 / 18 / 25 / 50 0 20 40 60 80 100 −55 0 70 100 155 AMBIENT TEMPERATURE ( °C) |
Số phần tương tự - MCR100JZHID100 |
|
Mô tả tương tự - MCR100JZHID100 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |