công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

93LC76ISN bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện 93LC76ISN
Giải thích chi tiết về linh kiện  8K/16K 2.5V Microwire Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76ISN bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button 93LC76ISN Datasheet HTML 3Page - Microchip Technology 93LC76ISN Datasheet HTML 4Page - Microchip Technology 93LC76ISN Datasheet HTML 5Page - Microchip Technology 93LC76ISN Datasheet HTML 6Page - Microchip Technology 93LC76ISN Datasheet HTML 7Page - Microchip Technology 93LC76ISN Datasheet HTML 8Page - Microchip Technology 93LC76ISN Datasheet HTML 9Page - Microchip Technology 93LC76ISN Datasheet HTML 10Page - Microchip Technology 93LC76ISN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2010 Microchip Technology Inc.
DS21131F-page 7
93LC76/86
3.0
DEVICE OPERATION
3.1
READ
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 16-bit (x16 organization) or 8-bit
(x8 organization) output string. The output data bits will
toggle on the rising edge of the CLK and are stable
after the specified time delay (TPD). Sequential read is
possible when CS is held high and clock transitions
continue.
The
memory
Address
Pointer
will
automatically increment and output data sequentially.
3.2
ERASE
The ERASE instruction forces all data bits of the
specified address to the logical “1” state. The self-timed
programming cycle is initiated on the rising edge of
CLK as the last address bit (A0) is clocked in. At this
point, the CLK, CS and DI inputs become “don’t cares”.
The DO pin indicates the Ready/Busy status of the
device if the CS is high. The Ready/Busy status will be
displayed on the DO pin until the next Start bit is
received as long as CS is high. Bringing the CS low will
place the device in Standby mode and cause the DO
pin to enter the high-impedance state. DO at logical “0”
indicates that programming is still in progress. DO at
logical “1” indicates that the register at the specified
address has been erased and the device is ready for
another instruction.
The erase cycle takes 3 ms per word (typical).
3.3
WRITE
The WRITE instruction is followed by 16 bits (or by 8
bits) of data to be written into the specified address.
The self-timed programming cycle is initiated on the
rising edge of CLK as the last data bit (D0) is clocked
in. At this point, the CLK, CS and DI inputs become
“don’t cares”.
The DO pin indicates the Ready/Busy status of the
device if the CS is high. The Ready/Busy status will be
displayed on the DO pin until the next Start bit is
received as long as CS is high. Bringing the CS low will
place the device in Standby mode and cause the DO
pin to enter the high-impedance state. DO at logical “0”
indicates that programming is still in progress. DO at
logical “1” indicates that the register at the specified
address has been written and the device is ready for
another instruction.
The write cycle takes 3 ms per word (typical).
3.4
Erase All (ERAL)
The ERAL instruction will erase the entire memory array
to the logical “1” state. The ERAL cycle is identical to
the erase cycle except for the different opcode. The
ERAL cycle is completely self-timed and commences
on the rising edge of the last address bit (A0). Note that
the Least Significant 8 or 9 address bits are “don’t care”
bits, depending on selection of x16 or x8 mode. Clock-
ing of the CLK pin is not necessary after the device has
entered the self clocking mode. The ERAL instruction is
ensured at VCC = +4.5V to +6.0V.
The DO pin indicates the Ready/Busy status of the
device if the CS is high. The Ready/Busy status will be
displayed on the DO pin until the next Start bit is
received as long as CS is high. Bringing the CS low will
place the device in Standby mode and cause the DO
pin to enter the high-impedance state. DO at logical “0”
indicates that programming is still in progress. DO at
logical “1” indicates that the entire device has been
erased and is ready for another instruction.
The ERAL cycle takes 15 ms maximum (8 ms typical).
3.5
Write All (WRAL)
The WRAL instruction will write the entire memory array
with the data specified in the command. The WRAL
cycle is completely self-timed and commences on the
rising edge of the last address bit (A0). Note that the
Least Significant 8 or 9 address bits are “don’t cares”,
depending on selection of x16 or x8 mode. Clocking of
the CLK pin is not necessary after the device has
entered the self clocking mode. The WRAL command
does include an automatic ERAL cycle for the device.
Therefore, the WRAL instruction does not require an
ERAL
instruction but the chip must be in the EWEN
status. The WRAL instruction is ensured at Vcc = +4.5V
to +6.0V.
The DO pin indicates the Ready/Busy status of the
device if the CS is high. The Ready/Busy status will be
displayed on the DO pin until the next Start bit is
received as long as CS is high. Bringing the CS low will
place the device in Standby mode and cause the DO
pin to enter the high-impedance state. DO at logical “0”
indicates that programming is still in progress. DO at
logical “1” indicates that the entire device has been
written and is ready for another instruction.
The WRAL cycle takes 30 ms maximum (16 ms
typical).


Số phần tương tự - 93LC76ISN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2010
93LC76 MICROCHIP-93LC76 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
93LC76-/P MICROCHIP-93LC76-/P Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC76-/SN MICROCHIP-93LC76-/SN Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
More results

Mô tả tương tự - 93LC76ISN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2010
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
   8K/16K 1.8V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com