công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F103B bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STM32F103B
Giải thích chi tiết về linh kiện  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103B bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STM32F103B Datasheet HTML 1Page - STMicroelectronics STM32F103B Datasheet HTML 2Page - STMicroelectronics STM32F103B Datasheet HTML 3Page - STMicroelectronics STM32F103B Datasheet HTML 4Page - STMicroelectronics STM32F103B Datasheet HTML 5Page - STMicroelectronics STM32F103B Datasheet HTML 6Page - STMicroelectronics STM32F103B Datasheet HTML 7Page - STMicroelectronics STM32F103B Datasheet HTML 8Page - STMicroelectronics STM32F103B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
This is information on a product in full production.
August 2013
DocID13587 Rev 16
1/105
STM32F103x8
STM32F103xB
Medium-density performance line ARM-based 32-bit MCU with 64
or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
Datasheet
- production data
Features
 ARM 32-bit Cortex™-M3 CPU Core
– 72 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance at 0 wait state memory
access
– Single-cycle multiplication and hardware
division
 Memories
– 64 or 128 Kbytes of Flash memory
– 20 Kbytes of SRAM
 Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR, and programmable voltage
detector (PVD)
– 4-to-16 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC
– PLL for CPU clock
– 32 kHz oscillator for RTC with calibration
 Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
 2 x 12-bit, 1 µs A/D converters (up to 16
channels)
– Conversion range: 0 to 3.6 V
– Dual-sample and hold capability
– Temperature sensor
 DMA
– 7-channel DMA controller
– Peripherals supported: timers, ADC, SPIs,
I2Cs and USARTs
 Up to 80 fast I/O ports
– 26/37/51/80 I/Os, all mappable on 16
external interrupt vectors and almost all
5 V-tolerant
 Debug mode
– Serial wire debug (SWD) & JTAG
interfaces
 7 timers
– Three 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– 16-bit, motor control PWM timer with dead-
time generation and emergency stop
– 2 watchdog timers (Independent and
Window)
– SysTick timer 24-bit downcounter
 Up to 9 communication interfaces
– Up to 2 x I2C interfaces (SMBus/PMBus)
– Up to 3 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– Up to 2 SPIs (18 Mbit/s)
– CAN interface (2.0B Active)
– USB 2.0 full-speed interface
 CRC calculation unit, 96-bit unique ID
 Packages are ECOPACK®
Table 1. Device summary
Reference
Part number
STM32F103x8
STM32F103C8, STM32F103R8
STM32F103V8, STM32F103T8
STM32F103xB
STM32F103RB STM32F103VB,
STM32F103CB, STM32F103TB
BGA100 10 × 10 mm
UFBGA100 7 x 7 mm
BGA64 5 × 5 mm
VFQFPN36 6 × 6 mm
LQFP100 14 × 14 mm
LQFP64 10 × 10 mm
LQFP48 7 × 7 mm
UFQFPN48 7 × 7 mm
www.st.com


Số phần tương tự - STM32F103B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F103 STMICROELECTRONICS-STM32F103 Datasheet
3Mb / 26P
   STM32 development boards
STM32F103C4 STMICROELECTRONICS-STM32F103C4 Datasheet
1Mb / 80P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
STM32F103C4 STMICROELECTRONICS-STM32F103C4 Datasheet
1Mb / 90P
   Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
STM32F103C4 STMICROELECTRONICS-STM32F103C4 Datasheet
1Mb / 90P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
May 2013 Rev 6
STM32F103C4H6ATR STMICROELECTRONICS-STM32F103C4H6ATR Datasheet
1Mb / 80P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
More results

Mô tả tương tự - STM32F103B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F103RBT6 STMICROELECTRONICS-STM32F103RBT6 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013 Rev 16
STM32F103TBU6 STMICROELECTRONICS-STM32F103TBU6 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
STM32F103C8T7 STMICROELECTRONICS-STM32F103C8T7 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
STM32F103T8U7 STMICROELECTRONICS-STM32F103T8U7 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
STM32F103CBU6 STMICROELECTRONICS-STM32F103CBU6 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013 Rev 16
STM32F103X8 STMICROELECTRONICS-STM32F103X8_V01 Datasheet
1Mb / 116P
   Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
Rev 18 March 2022
STM32F103X8 STMICROELECTRONICS-STM32F103X8_09 Datasheet
1Mb / 92P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
STM32F103X8 STMICROELECTRONICS-STM32F103X8_10 Datasheet
1Mb / 96P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
STM32F103C4T6A STMICROELECTRONICS-STM32F103C4T6A Datasheet
1Mb / 90P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
May 2013 Rev 6
STM32F103X8 STMICROELECTRONICS-STM32F103X8_13 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com