công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3338AKC-5-REEL bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADP3338AKC-5-REEL
Giải thích chi tiết về linh kiện  High Accuracy, Ultralow I Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKC-5-REEL bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADP3338AKC-5-REEL Datasheet HTML 7Page - Analog Devices ADP3338AKC-5-REEL Datasheet HTML 8Page - Analog Devices ADP3338AKC-5-REEL Datasheet HTML 9Page - Analog Devices ADP3338AKC-5-REEL Datasheet HTML 10Page - Analog Devices ADP3338AKC-5-REEL Datasheet HTML 11Page - Analog Devices ADP3338AKC-5-REEL Datasheet HTML 12Page - Analog Devices ADP3338AKC-5-REEL Datasheet HTML 13Page - Analog Devices ADP3338AKC-5-REEL Datasheet HTML 14Page - Analog Devices ADP3338AKC-5-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3338
Rev. B | Page 11 of 16
Use the following general guidelines when designing printed
circuit boards:
Keep the output capacitor as close as possible to the output
and ground pins.
Keep the input capacitor as close as possible to the input
and ground pins.
Specify thick copper and use wide traces for optimum heat
transfer. PC board traces with larger cross sectional areas
remove more heat from the ADP3338.
Decrease thermal resistance by adding a copper pad under
the ADP3338, as shown in Figure 22 (b).
Use the adjacent area to the ADP3338 to add more copper
around it. Connecting the copper area to the output of the
ADP3338, as shown in Figure 22 (c), is best, but thermal
performance will be improved even if it is connected to
other signals.
Use additional copper layers or planes to reduce the
thermal resistance. Again, connecting the other layers to
the output of the ADP3338 is best, but is not necessary.
When connecting the output pad to other layers, use
multiple vias.


Số phần tương tự - ADP3338AKC-5-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3338AKC-5-REEL AD-ADP3338AKC-5-REEL Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3338AKC-5-REEL7 AD-ADP3338AKC-5-REEL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results

Mô tả tương tự - ADP3338AKC-5-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com