công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3338AKC-3.3-RL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADP3338AKC-3.3-RL7
Giải thích chi tiết về linh kiện  High Accuracy, Ultralow I Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKC-3.3-RL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADP3338AKC-3.3-RL7 Datasheet HTML 1Page - Analog Devices ADP3338AKC-3.3-RL7 Datasheet HTML 2Page - Analog Devices ADP3338AKC-3.3-RL7 Datasheet HTML 3Page - Analog Devices ADP3338AKC-3.3-RL7 Datasheet HTML 4Page - Analog Devices ADP3338AKC-3.3-RL7 Datasheet HTML 5Page - Analog Devices ADP3338AKC-3.3-RL7 Datasheet HTML 6Page - Analog Devices ADP3338AKC-3.3-RL7 Datasheet HTML 7Page - Analog Devices ADP3338AKC-3.3-RL7 Datasheet HTML 8Page - Analog Devices ADP3338AKC-3.3-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Accuracy, Ultralow IQ, 1 A,
anyCAP® Low Dropout Regulator
ADP3338
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy over line and load: ±0.8% @ 25°C,
±1.4% over temperature
Ultralow dropout voltage: 190 mV (typ) @ 1 A
Requires only CO = 1.0 µF for stability
anyCAP is stable with any type of capacitor (including MLCC)
Current and thermal limiting
Low noise
2.7 V to 8 V supply range
−40°C to +85°C ambient temperature range
SOT-223 package
APPLICATIONS
Notebook, palmtop computers
SCSI terminators
Battery-powered systems
Bar code scanners
Camcorders, cameras
Home entertainment systems
Networking systems
DSP/ASIC supplies
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3338
OUT
R1
R2
GND
Q1
BANDGAP
REF
DRIVER
gm
Figure 1.
VIN
OUT
ADP3338
1
µF
1
µF
VOUT
GND
IN
Figure 2. Typical Application Circuit
GENERAL DESCRIPTION
The ADP3338 is a member of the ADP33xx family of precision,
low dropout (LDO), anyCAP voltage regulators. The ADP3338
operates with an input voltage range of 2.7 V to 8 V and delivers
a load current up to 1 A. The ADP3338 stands out from
conventional LDOs with a novel architecture and an enhanced
process that offers performance advantages and higher output
current than its competition. Its patented design requires only a
1 µF output capacitor for stability. This device is insensitive to
output capacitor equivalent series resistance (ESR), and is stable
with any good quality capacitor, including ceramic (MLCC)
types for space-restricted applications. The ADP3338 achieves
exceptional accuracy of ±0.8% at room temperature and ±1.4%
over temperature, line, and load variations. The dropout voltage
of the ADP3338 is only 190 mV (typical) at 1 A. The device also
includes a safety current limit and thermal overload protection.
The ADP3338 has ultralow quiescent current: 110 µA (typical)
in light load situations.


Số phần tương tự - ADP3338AKC-3.3-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3338AKC-3.3-RL7 AD-ADP3338AKC-3.3-RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results

Mô tả tương tự - ADP3338AKC-3.3-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com