công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM6321xxxARJ-RL7 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADM6321xxxARJ-RL7
Giải thích chi tiết về linh kiện  Supervisory Circuits with Watchdog
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM6321xxxARJ-RL7 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADM6321xxxARJ-RL7 Datasheet HTML 2Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 3Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 4Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 5Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 6Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 7Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 8Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 9Page - Analog Devices ADM6321xxxARJ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Data Sheet
Rev. F | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM6316/
ADM6320
TOP VIEW
(Not to Scale)
RESET
1
GND
2
MR
3
VCC
WDI
5
4
Figure 3. ADM6316/ADM6320 Pin Configuration
ADM6317
TOP VIEW
(Not to Scale)
RESET
1
GND
2
MR
3
VCC
WDI
5
4
Figure 4. ADM6317 Pin Configuration
ADM6318/
ADM6321
TOP VIEW
(Not to Scale)
RESET
1
GND
2
RESET
3
VCC
WDI
5
4
Figure 5. ADM6318/ADM6321 Pin Configuration
ADM6319/
ADM6322
TOP VIEW
(Not to Scale)
RESET
1
GND
2
RESET
3
VCC
MR
5
4
Figure 6. ADM6319/ADM6322 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET (ADM6316/ADM6318/ADM6319/
ADM6320/ADM6321/ADM6322)
Active-Low Reset Output. Asserted whenever VCC is below the reset
threshold, VTH.
Push-Pull Output Stage for the ADM6316/ADM6318/ADM6319.
Open-Drain Output Stage for the ADM6320/ADM6321/ADM6322.
RESET (ADM6317)
Active-High Push-Pull Reset Output.
2
GND (all models)
Ground.
3
MR (ADM6316/ADM6317/ADM6320)
Manual Reset Input. This is an active-low input that when forced low for at
least 1 µs, generates a reset. It features a 52 kΩ internal pull-up.
RESET (ADM6318/ADM6319/ADM6321/ADM6322)
Active-High Push-Pull Reset Output.
4
WDI (ADM6316/ADM6317/ADM6318/
ADM6320/ADM6321)
Watchdog Input. Generates a reset if the logic level on the pin remains low
or high for the duration of the watchdog timeout. The timer is cleared if a
logic transition occurs on this pin or if a reset is generated. Leave this pin
floating to disable the watchdog timer.
MR (ADM6319/ADM6322)
Manual Reset Input.
5
VCC (all models)
Power Supply Voltage Being Monitored.


Số phần tương tự - ADM6321xxxARJ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM6321xxxARJ-RL7 AD-ADM6321xxxARJ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
More results

Mô tả tương tự - ADM6321xxxARJ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Sipex Corporation
SP6330 SIPEX-SP6330 Datasheet
311Kb / 13P
   Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com