công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1408YRUZ-REEL bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADG1408YRUZ-REEL
Giải thích chi tiết về linh kiện  4.7 OHM maximum on resistance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1408YRUZ-REEL bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADG1408YRUZ-REEL Datasheet HTML 1Page - Analog Devices ADG1408YRUZ-REEL Datasheet HTML 2Page - Analog Devices ADG1408YRUZ-REEL Datasheet HTML 3Page - Analog Devices ADG1408YRUZ-REEL Datasheet HTML 4Page - Analog Devices ADG1408YRUZ-REEL Datasheet HTML 5Page - Analog Devices ADG1408YRUZ-REEL Datasheet HTML 6Page - Analog Devices ADG1408YRUZ-REEL Datasheet HTML 7Page - Analog Devices ADG1408YRUZ-REEL Datasheet HTML 8Page - Analog Devices ADG1408YRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG1408/ADG1409
Rev. B | Page 3 of 20
SPECIFICATIONS
15 V DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
4
Ω typ
VS = ±10 V, IS = −10 mA; see Figure 26
4.7
5.7
6.7
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between
0.2
Ω typ
VS = ±10 V, IS = −10 mA
Channels (ΔRON)
0.78
0.85
1.1
Ω max
On Resistance Flatness (RFLAT(ON))
0.5
Ω typ
VS = ±10 V, IS = −10 mA
0.72
0.77
0.92
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS
−16.5 V
=
Source Off Leakage, IS (Off )
±0.04
nA typ
VS = ±10 V, VD =
10 V; see Figure 27
±0.2
±0.6
±5
nA max
Drain Off Leakage, ID (Off )
±0.04
nA typ
VS = ±10 V, VD =
10 V; see Figure 27
±0.45
±2
±30
nA max
Channel On Leakage, ID, IS (On)
±0.1
nA typ
VS = VD = ±10 V; see Figure 28
±1.5
±3
±30
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
±0.005
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANSITION
140
ns typ
RL = 100 Ω, CL = 35 pF
170
210
240
ns max
VS = 10 V, see Figure 29
Break-Before-Make Time Delay, tBBM
50
ns typ
RL = 100 Ω, CL = 35 pF
30
ns min
VS1 = VS2 = 10 V; see Figure 30
tON (EN)
100
ns typ
RL = 100 Ω, CL = 35 pF
120
150
165
ns max
VS = 10 V; see Figure 31
tOFF (EN)
100
ns typ
RL = 100 Ω, CL = 35 pF
120
150
170
ns max
VS = 10 V; see Figure 31
Charge Injection
−50
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 32
Off Isolation
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 33
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 34
Total Harmonic Distortion, THD + N
0.025
% typ
RL = 110 Ω, 15 V p-p, f = 20 Hz to 20 kHz;
see Figure 36
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF; see Figure 35
ADG1408
60
MHz typ
ADG1409
115
MHz typ
Insertion Loss
0.24
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 35
CS (Off )
14
pF typ
f = 1 MHz
CD (Off )
ADG1408
80
pF typ
f = 1 MHz
ADG1409
40
pF typ
f = 1 MHz
CD, CS (On)
ADG1408
135
pF typ
f = 1 MHz
ADG1409
90
pF typ
f = 1 MHz


Số phần tương tự - ADG1408YRUZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADG1408YRUZ TI1-ADG1408YRUZ Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
More results

Mô tả tương tự - ADG1408YRUZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
   Low On-Resistance (1 ohm MAX)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
   Low on-resistance (1 ohm MAX)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
   Low on-resistance (0.35 ohm TYP)
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
   Low on-resistance and maximum DC current capability
logo
Advanced Monolithic Sys...
AMS2303A AMS-AMS2303A Datasheet
254Kb / 6P
   Exceptional on-resistance and maximum DC current capability
AMS2302 AMS-AMS2302 Datasheet
320Kb / 6P
   Exceptional on-resistance and maximum DC current capability
logo
NXP Semiconductors
PDTA143E PHILIPS-PDTA143E Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
PUMD15 PHILIPS-PUMD15 Datasheet
61Kb / 10P
   NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com