công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD688ARWZ bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD688ARWZ
Giải thích chi tiết về linh kiện  High Precision 10 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD688ARWZ bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD688ARWZ Datasheet HTML 7Page - Analog Devices AD688ARWZ Datasheet HTML 8Page - Analog Devices AD688ARWZ Datasheet HTML 9Page - Analog Devices AD688ARWZ Datasheet HTML 10Page - Analog Devices AD688ARWZ Datasheet HTML 11Page - Analog Devices AD688ARWZ Datasheet HTML 12Page - Analog Devices AD688ARWZ Datasheet HTML 13Page - Analog Devices AD688ARWZ Datasheet HTML 14Page - Analog Devices AD688ARWZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD688
Rev. B | Page 11 of 16
DYNAMIC PERFORMANCE
The output buffer amplifiers (A3 and A4) are designed to
provide the AD688 with static and dynamic load regulation
superior to less complete references.
Many A/D and D/A converters present transient current loads
to the reference, and poor reference response can degrade the
converter’s performance.
Figure 20, Figure 21, and Figure 22 display the characteristic of
the AD688 output amplifier driving a 0 mA to 10 mA load.
10V
A3 OR A4
VOUT
IL
1k
10V
0V
VL
Figure 20. Transient Load Test Circuit
VOUT
VL
200mV
5V
500ns
100
90
10
Figure 21. Large-Scale Transient Response
100
90
10
0%
1mV
5V
2
µs
VOUT
VL
Figure 22. Fine-Scale Settling for Transient Load
Figure 23 and Figure 24 display the output amplifier
characteristic driving a 5 mA to 10 mA load, a common
situation found when the reference is shared among multiple
converters or is used to provide bipolar offset current.
10V
A3 OR A4
VOUT
IL
10V
0V
VL
+
2k
2k
Figure 23. Transient and Constant Load Test Circuit
100
90
10
0%
1mV
200mV
1
µs
VOUT
200mV/
CM
VOUT
1mV/CM
5V
VL
Figure 24. Transient Response 5 mA to 10 mA Load
In some applications, a varying load may be both resistive and
capacitive in nature, or may be connected to the AD688 by a
long capacitive cable. Figure 25 and Figure 26 display the output
amplifier characteristics driving a 1000 pF, 0 mA to 10 mA load.
10V
VOUT
10V
0V
VL
1k
1000pF
CL
Figure 25. Capacitive Load Transient Response Test Circuit
100
90
10
0%
5V
200mV
1
µs
CL = 0
CL =
1000pF
VL
Figure 26. Output Response with Capacitive Load
Figure 27 and Figure 28 display the crosstalk between output
amplifiers. The top trace shows the output of A4, dc-coupled
and offset by 10 V, while the output of A3 is subjected to a 0 mA
to 10 mA load current step. The transient at A4 settles in about
1 µs, and the load-induced offset is about 100 µV.


Số phần tương tự - AD688ARWZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD688AQ AD-AD688AQ Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
More results

Mô tả tương tự - AD688ARWZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
REF01 AD-REF01 Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com