công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST1-DC48V-F bảng dữ liệu(PDF) 4 Page - Panasonic Semiconductor

tên linh kiện ST1-DC48V-F
Giải thích chi tiết về linh kiện  1a1b/2a 8A polarized power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ST1-DC48V-F bảng dữ liệu(HTML) 4 Page - Panasonic Semiconductor

  ST1-DC48V-F Datasheet HTML 1Page - Panasonic Semiconductor ST1-DC48V-F Datasheet HTML 2Page - Panasonic Semiconductor ST1-DC48V-F Datasheet HTML 3Page - Panasonic Semiconductor ST1-DC48V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
ST
ASCTB210E 201202-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
NOTES
For Cautions for Use.
UL/C-UL (Recognized)
CSA (Certified)
VDE (Certified)
TV rating (UL/CSA)
SEV
File No.
Contact rating
File No.
Contact rating
File No.
Contact rating
File No.
Rating
File No.
Contact rating
E43028
8A 250V AC
1
/4HP 125, 250V AC
5A 30V DC
LR26550
etc.
8A 250V AC
1
/4HP 125, 250V AC
5A 30V DC
1017
8A 250V AC (cos
φ=1.0)
4A 250V AC (cos
φ=0.4)
5A 30V DC
UL: E43028
CSA: LR26550
98-1 10289
8A 380V AC
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
General tolerance:
±0.5 ±.020
31.0
11.0
7.62
7.62
10.16
10.16
14
0.3
3.5 .138
1.0
1.0
.039
.039
0.6 dia. .024 dia.
0.3 .012
85
4
3
2
1
7
6
1.0
.039
0.5
.020
.300
.300
.400
1.220
.400
.551
.433
.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
2 coil latching
types only.
8-1.4 dia.
2.54
2.54
.100
.100
8-.055 dia.
Schematic (Bottom view)
Single side stable
2 coil latching
1 Form A 1 Form B
2 Form A
1 Form A 1 Form B
2 Form A
14
5
6
7
8
–+
14
5
6
7
8
–+
12
5
6
7
8
–+
34
+–
12
–+
34
+–
5
6
7
8
(Deenergized condition)
(Reset condition)
CAD Data
1. PC board patterns for 2 coil latching
types
When applying relays in power supply
operation circuits for finished products
regulated by the Electrical Appliance and
Material Safety Law, use the pattern
shown below.
2. Soldering should be done under the
following conditions:
1)
250
°C 482°F within 10s
300
°C 572°F within 5s
350
°C 662°F within 3s
2) For automatic cleaning, the boiling
method is recommended. Avoid
ultrasonic cleaning which subjects the
relays to high frequency vibrations, which
may cause the contacts to stick.
It is recommended that a fluorinated
hydrocarbon or other alcoholic solvents
be used.
3. When using, please be aware that
the a contact and b contact sides of 1
Form A and 1 Form B types may go on
simultaneously at operate time and
release time.
1
Terminal No.
2
3
4


Số phần tương tự - ST1-DC48V-F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
ST1-DC48V NAIS-ST1-DC48V Datasheet
92Kb / 3P
   IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
More results

Mô tả tương tự - ST1-DC48V-F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com