công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1636 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện ADG1636
Giải thích chi tiết về linh kiện  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1636 bảng dữ liệu(HTML) 2 Page - Analog Devices

  ADG1636 Datasheet HTML 1Page - Analog Devices ADG1636 Datasheet HTML 2Page - Analog Devices ADG1636 Datasheet HTML 3Page - Analog Devices ADG1636 Datasheet HTML 4Page - Analog Devices ADG1636 Datasheet HTML 5Page - Analog Devices ADG1636 Datasheet HTML 6Page - Analog Devices ADG1636 Datasheet HTML 7Page - Analog Devices ADG1636 Datasheet HTML 8Page - Analog Devices ADG1636 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG1636
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±5 V Dual Supply ......................................................................... 3
12 V Single Supply........................................................................ 4
5 V Single Supply.......................................................................... 5
3.3 V Single Supply........................................................................6
Continuous Current per Channel, S or D..................................7
Absolute Maximum Ratings ............................................................8
ESD Caution...................................................................................8
Pin Configurations and Function Descriptions ............................9
Typical Performance Characteristics ........................................... 10
Test Circuits..................................................................................... 13
Terminology .................................................................................... 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
9/09—Rev. 0 to Rev. A
Changes to Table 4............................................................................ 6
1/09—Revision 0: Initial Version


Số phần tương tự - ADG1636

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1636BCPZ-REEL AD-ADG1636BCPZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BCPZ-REEL7 AD-ADG1636BCPZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL AD-ADG1636BRUZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL7 AD-ADG1636BRUZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
More results

Mô tả tương tự - ADG1636

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
logo
Vishay Siliconix
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Analog Devices
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com