công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1636 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG1636
Giải thích chi tiết về linh kiện  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1636 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG1636 Datasheet HTML 1Page - Analog Devices ADG1636 Datasheet HTML 2Page - Analog Devices ADG1636 Datasheet HTML 3Page - Analog Devices ADG1636 Datasheet HTML 4Page - Analog Devices ADG1636 Datasheet HTML 5Page - Analog Devices ADG1636 Datasheet HTML 6Page - Analog Devices ADG1636 Datasheet HTML 7Page - Analog Devices ADG1636 Datasheet HTML 8Page - Analog Devices ADG1636 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 Ω Typical On Resistance, ±5 V, +12 V,
+5 V, and +3.3 V Dual SPDT Switches
ADG1636
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
1 Ω typical on resistance
0.2 Ω on resistance flatness
±3.3 V to ±8 V dual supply operation
3.3 V to 16 V single supply operation
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
Continuous current per channel
LFCSP package: 385 mA
TSSOP package: 238 mA
16-lead TSSOP and 16-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
Communication systems
Medical systems
Audio signal routing
Video signal routing
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Relay replacements
FUNCTIONAL BLOCK DIAGRAMS
ADG1636
D1
D2
S2B
S2A
IN2
IN1
S1B
S1A
NOTES
1. SWITCHES SHOWN FOR A LOGIC 1 INPUT.
Figure 1. 16-Lead TSSOP
ADG1636
IN1 IN2 EN
S1B
D1
S1A
S2B
LOGIC
D2
S2A
NOTES
1. SWITCHES SHOWN FOR A 1 INPUT LOGIC.
Figure 2. 16-Lead LFCSP
GENERAL DESCRIPTION
The ADG1636 is a monolithic CMOS device containing two
independently selectable single-pole/double-throw (SPDT)
switches. An EN input is used to enable or disable the device.
When disabled, all channels are switched off. Each switch
conducts equally well in both directions when on and has
an input signal range that extends to the supplies. In the off
condition, signal levels up to the supplies are blocked. Both
switches exhibit break-before-make switching action for use
in multiplexer applications.
The ultralow on resistance of these switches make them ideal
solutions for data acquisition and gain switching applications where
low on resistance and distortion is critical. The on resistance profile
is very flat over the full analog input range, ensuring excellent
linearity and low distortion when switching audio signals.
The CMOS construction ensures ultralow power dissipation,
making the parts ideally suited for portable and battery-
powered instruments.
PRODUCT HIGHLIGHTS
1.
1.6 Ω maximum on resistance over temperature.
2.
Minimum distortion: THD + N = 0.007%.
3.
3 V logic-compatible digital inputs: VINH = 2.0 V, VINL = 0.8 V.
4.
No VL logic power supply required.
5.
Ultralow power dissipation: <16 nW.
6.
16-lead TSSOP and 16-lead 4 mm × 4 mm LFCSP.


Số phần tương tự - ADG1636

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1636BCPZ-REEL AD-ADG1636BCPZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BCPZ-REEL7 AD-ADG1636BCPZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL AD-ADG1636BRUZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL7 AD-ADG1636BRUZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
More results

Mô tả tương tự - ADG1636

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
logo
Vishay Siliconix
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Analog Devices
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com