công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADA-JET-ARM14 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADA-JET-ARM14
Giải thích chi tiết về linh kiện  JTAG Probes for Signum Emulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADA-JET-ARM14 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADA-JET-ARM14 Datasheet HTML 2Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 3Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 4Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 5Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 6Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 7Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 8Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 9Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
S I GN U M
S Y S T E M S
4
FIGURE 8
The 20-pin JTAG ADA-JET-ARM20-LV
probe for ARM.
FIGURE 9
The pinout of the ADA-JET-
ARM20-LV probe. Top view.
Cable Extender
In addition to its standard version shown on page 3, the 20-pin probe is offered in a version with a 1.55 in.
ribbon cable extender that allows the probe to remain outside the target board by lowering the probe’s profile.
(The 14-pin probe comes always with a ribbon cable extender.)
Ribbon Cable
D
C
L
FIGURE 10 Top and side views of the 20-pin ARM probe with a cable extender. L = 69 mm (2.7
in.), C = 40.0 mm (1.55 in) D = 6.0 mm (.24), W = 30.0 mm (1.2 in.), H = 11.5 mm (0.45 in.).
Target Board Header
On the target board, we recommend using a polarized box header, such as:
TABLE 3 Recommended target
board headers.
1 4 - PI N
2 0 - PI N
14-Pin, Double-Row, Polarized Box
Header-Straight, .100" × .100" (2.54
mm × 2.54 mm). Manufacturers:
3M (Mouser Electronics, Part No.
517—2514-6002).
tyco/AMP, Part No. 103308-2 –
Digi-Key Part No A26269-ND.
20-Pin, Double-Row, Polarized Box
Header-Straight, .100" × .100" (2.54
mm × 2.54 mm). Manufacturers:
3M (Mouser Electronics, Part No.
517—2520-6002).
tyco/AMP, Part No. 103308-5 –
Digi-Key Part No. A26273-ND.


Số phần tương tự - ADA-JET-ARM14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
Agilent(Hewlett-Packard...
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
More results

Mô tả tương tự - ADA-JET-ARM14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC Datasheet
1Mb / 122P
   Standard JTAG
Rev. 9, 01/2018
logo
STMicroelectronics
UM0139 STMICROELECTRONICS-UM0139 Datasheet
2Mb / 38P
   The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
June 2007 Rev 6
logo
Maxim Integrated Produc...
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
logo
STMicroelectronics
UM0244 STMICROELECTRONICS-UM0244 Datasheet
152Kb / 11P
   FlashLINK JTAG programming cable for STR9
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
   Replacement Tips For Test Probes
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
logo
NXP Semiconductors
VYBRIDRSERIESEC NXP-VYBRIDRSERIESEC Datasheet
1Mb / 125P
   Standard JTAG
Rev. 8, 01/2018
logo
Spectrum Microwave, Inc...
XDS560R SPECTRUM-XDS560R Datasheet
62Kb / 1P
   XDS560R USB JTAG Emulator with 14-pin JTAG Header
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com