công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5669R bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD5669R
Giải thích chi tiết về linh kiện  Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5669R bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD5669R Datasheet HTML 7Page - Analog Devices AD5669R Datasheet HTML 8Page - Analog Devices AD5669R Datasheet HTML 9Page - Analog Devices AD5669R Datasheet HTML 10Page - Analog Devices AD5669R Datasheet HTML 11Page - Analog Devices AD5669R Datasheet HTML 12Page - Analog Devices AD5669R Datasheet HTML 13Page - Analog Devices AD5669R Datasheet HTML 14Page - Analog Devices AD5669R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD5629R/AD5669R
Rev. B | Page 11 of 32
Table 6. Pin Function Descriptions
Pin No.
LFCSP
TSSOP
WLCSP
Mnemonic
Description
15
1
B2
LDAC
Pulsing this pin low allows any or all DAC registers to be updated if the input registers
have new data. This allows all DAC outputs to simultaneously update. Alternatively,
this pin can be tied permanently low.
16
2
A4
A0
Address Input. Sets the least significant bit of the 7-bit slave address.
1
3
B3
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V. Decouple the
supply with a 10 µF capacitor in parallel with a 0.1 µF capacitor to GND.
2
4
B4
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
3
5
B1
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
4
6
C4
VOUTE
Analog Output Voltage from DAC E. The output amplifier has rail-to-rail operation.
5
7
C2
VOUTG
Analog Output Voltage from DAC G. The output amplifier has rail-to-rail operation.
6
8
D3
VREFIN/VREFOUT
The AD5629R/AD5669R have a common pin for reference input and reference
output. When using the internal reference, this is the reference output pin. When
using an external reference, this is the reference input pin. The default for this pin is
as a reference input.
7
9
D2
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all
LDAC pulses are ignored. When CLR is activated, the input register and the DAC
register are updated with the data contained in the CLR code register—zero scale,
midscale, or full scale. The default setting clears the output to 0 V.
8
10
C3
VOUTH
Analog Output Voltage from DAC H. The output amplifier has rail-to-rail operation.
9
11
C1
VOUTF
Analog Output Voltage from DAC F. The output amplifier has rail-to-rail operation.
10
12
D4
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
11
13
D1
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
12
14
A1
GND
Ground Reference Point for All Circuitry on the Parts.
13
15
A3
SDA
Serial Data Input. This is used in conjunction with the SCL line to clock data into or
out of the 32-bit input shift register. It is a bidirectional, open-drain data line that
should be pulled to the supply with an external pull-up resistor.
14
16
A4
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into or
out of the 32-bit input shift register.
17
N/A
N/A
Exposed Pad
(EPAD)
The exposed pad must be tied to GND.


Số phần tương tự - AD5669R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5669RACPZ-2-RL7 AD-AD5669RACPZ-2-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RACPZ-3-RL7 AD-AD5669RACPZ-3-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RARUZ-1 AD-AD5669RARUZ-1 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RARUZ-1-RL7 AD-AD5669RARUZ-1-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RBCBZ-1-R5 AD-AD5669RBCBZ-1-R5 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
More results

Mô tả tương tự - AD5669R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com