công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FFPF30U60STTU bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor |
|
FFPF30U60STTU bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page ©2000 Fairchild Semiconductor International Rev. F, September 2000 ULTRA FAST RECOVERY POWER RECTIFIER Absolute Maximum Ratings T C=25° °°°C unless otherwise noted Thermal Characteristics Electrical Characteristics T C=25 ° °°°C unless otherwise noted * Pulse Test: Pulse Width=300 µs, Duty Cycle=2% Symbol Parameter Value Units VRRM Peak Repetitive Reverse Voltage 600 V IF(AV) Average Rectified Forward Current @ TC = 100°C30 A IFSM Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave 180 A TJ, TSTG Operating Junction and StorageTemperature - 65 to +150 °C Symbol Parameter Value Units RθJC Maximum Thermal Resistance, Junction to Case 0.8 °C/W Symbol Parameter Min. Typ. Max. Units VFM * Maximum Instantaneous Forward Voltage I F = 30A I F = 30A TC = 25 °C TC = 100 °C 2.3 2.1 V IRM * Maximum Instantaneous Reverse Current @ rated VR TC = 25 °C TC = 100 °C 15 150 µA trr Irr Qrr Maximum Reverse Recovery Time Maximum Reverse Recovery Current Maximum Reverse Recovery Charge (IF =30A, di/dt = 200A/µs) 90 8 360 ns A nC WAVL Avalanche Energy 1.0 mJ FFPF30U60S Features • High voltage and high reliability • High speed switching • Low forward voltage Applications • General purpose • Switching mode power supply • Free-wheeling diode for motor application • Power switching circuits TO-220F 1 2 1. Cathode 2. Anode |
Số phần tương tự - FFPF30U60STTU |
|
Mô tả tương tự - FFPF30U60STTU |