công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5-104895-4 bảng dữ liệu(PDF) 5 Page - Tyco Electronics

tên linh kiện 5-104895-4
Giải thích chi tiết về linh kiện  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104895-4 bảng dữ liệu(HTML) 5 Page - Tyco Electronics

  5-104895-4 Datasheet HTML 1Page - Tyco Electronics 5-104895-4 Datasheet HTML 2Page - Tyco Electronics 5-104895-4 Datasheet HTML 3Page - Tyco Electronics 5-104895-4 Datasheet HTML 4Page - Tyco Electronics 5-104895-4 Datasheet HTML 5Page - Tyco Electronics 5-104895-4 Datasheet HTML 6Page - Tyco Electronics 5-104895-4 Datasheet HTML 7Page - Tyco Electronics 5-104895-4 Datasheet HTML 8Page - Tyco Electronics 5-104895-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
92
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Board-to-Board Vertical Headers, Dual-Row, 1.27 x 1.27
[.050 x .050] Centerline
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze; duplex
plated 0.00076 [.000030] gold in mating
area, 0.00381 [.000150] tin on solder
tail, with entire contact underplated
0.00127 [.000050] nickel
Holddown — Copper alloy; plated
0.00381 [.000150] tin over 0.00127
[.000050] nickel
Related Product Data
Mating Receptacles — pages 91, 97
(without latch only)
PC Board Layouts — page 93
Technical Documents (page 113)
Product Specification 108-1332
Application Specification
114-7010
Packaging: Tube or Tape and Reel
Header Part Numbers
No. of
Dimension
.250 [6.35] Mated Height
.320 [8.13] Mated Height
.390 [9.91] Mated Height
Pos.
A
Tubes
Tape & Reel*
Tubes
Tape & Reel*
Tubes
Tape & Reel*
Hold Down
No Hold Down
Hold Down
No Hold Down
10
9.44 [.372]
5-104655-1
5-147381-1
5-147121-1
5-104656-1
5-147382-1
5-104693-1
5-147383-1
20
15.79 [.622]
5-104655-3
5-147381-2
5-147121-2
5-104656-2
5-147382-2
5-104693-2
5-147383-2
30
22.14 [.872]
5-104655-4
5-147381-3
5-104656-3
5-147382-3
5-104693-3
5-147383-3
40
28.49 [1.122]
5-104655-5
5-147381-4
5-104656-4
5-147382-4
5-104693-4
5-147383-4
50
34.84 [1.372]
5-104655-6
5-147381-5
5-104656-5
5-147382-5
5-104693-5
5-147383-5
60
41.19 [1.622]
5-104655-7
5-147381-6
5-104656-6
5-147382-6
5-104693-6
5-147383-6
70
47.54 [1.872]
5-104655-8
5-147381-7
5-104656-7
5-147382-7
5-104693-7
5-147383-7
80
53.89 [2.122]
5-104655-9
5-147381-8
5-104656-8
5-147382-8
5-104693-8
5-147383-8
90
60.24 [2.372]
5-104656-9
5-104693-9
100
66.59 [2.622]
6-104655-1
5-147381-9
6-104656-0
5-147382-9
6-104693-0
5-147503-1
5-147383-9
*Parts packaged in tape and reel have vacuum pick and place cover.
See PC Board Layout on page 93.
Note: Part Numbers are RoHS compliant.
For 6.35 [.250] Mated Height
For 8.13 [.320] Mated Height
For 9.91 [.390] Mated Height
1.27
[.050]
1.27
[.050]
1.27
[.050]
0.76
[.030]
0.76
[.030]
1.27
[.050]
5.728
[.2255]
5.71
[.225]
7.557
[.2975]
9.335
[.3675]
A
A
A
0.76
[.030]
1.27
[.050]


Số phần tương tự - 5-104895-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
5-104892-1 MACOM-5-104892-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104892-2 MACOM-5-104892-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104892-3 MACOM-5-104892-3 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104892-4 MACOM-5-104892-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104892-5 MACOM-5-104892-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Mô tả tương tự - 5-104895-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com