công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZP63 bảng dữ liệu(PDF) 5 Page - Arizona Microtek, Inc

tên linh kiện AZP63
Giải thích chi tiết về linh kiện  Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AZM [Arizona Microtek, Inc]
Trang chủ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP63 bảng dữ liệu(HTML) 5 Page - Arizona Microtek, Inc

  AZP63_13 Datasheet HTML 1Page - Arizona Microtek, Inc AZP63_13 Datasheet HTML 2Page - Arizona Microtek, Inc AZP63_13 Datasheet HTML 3Page - Arizona Microtek, Inc AZP63_13 Datasheet HTML 4Page - Arizona Microtek, Inc AZP63_13 Datasheet HTML 5Page - Arizona Microtek, Inc AZP63_13 Datasheet HTML 6Page - Arizona Microtek, Inc AZP63_13 Datasheet HTML 7Page - Arizona Microtek, Inc AZP63_13 Datasheet HTML 8Page - Arizona Microtek, Inc AZP63_13 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Arizona Microtek, Inc.
AZP63
Low Phase Noise Sine Wave CMOS
to LVPECL Buffer/Translator
www.azmicrotek.com
+1-480-962-5881
5
Request a Sample
Mar 2013, Rev 2.2
OUTPUT TERMINATION TECHNIQUES
The LVPECL compatible output stage of the AZP63 uses a current drive topology to maximize switching speed as
illustrated below in Figure 4. Two current source PMOS transistors (M1-M2) feed the output pins. M5 is an NMOS
current source which is switched by M3 and M4. When M4 is on, M5 takes current from M2. This produces an output
current of 5.1mA (low output state). M3 is off, and the entire 21.1mA flows through the output pin. The associated output
voltage swings match LVPECL levels when external 50
Ω resistors terminate the outputs.
Both Q and Q
¯ should always be terminated identically to avoid waveform distortion and circulating current caused by
unsymmetrical loads. This rule should be followed even if only one output is in use.
VDD (+3.3 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
VTT = VDD - 2.0V
Q
Q
50
50
21.1mA - High
5.1mA - Low
External
Circuitry
Output
Stage
Figure 4 - Typical Output Termination
DUAL SUPPLY LVPECL OUTPUT TERMINATION
The standard LVPECL loads are a pair of 50
Ω resistors connected between the outputs and V
DD-2.0V (Figure 4). The
resistors provide both the DC and the AC loads, assuming 50
Ω interconnect. If an additional supply is available within the
application, a four resistor termination configuration is possible (Figure 5).


Số phần tương tự - AZP63_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZP63QG AZM-AZP63QG Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Mô tả tương tự - AZP63_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arizona Microtek, Inc
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com