công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU24UA3WNVX-TL bảng dữ liệu(PDF) 10 Page - Rohm

tên linh kiện BU24UA3WNVX-TL
Giải thích chi tiết về linh kiện  Versatile Package FULL CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU24UA3WNVX-TL bảng dữ liệu(HTML) 10 Page - Rohm

Back Button BU24UA3WNVX-TL Datasheet HTML 6Page - Rohm BU24UA3WNVX-TL Datasheet HTML 7Page - Rohm BU24UA3WNVX-TL Datasheet HTML 8Page - Rohm BU24UA3WNVX-TL Datasheet HTML 9Page - Rohm BU24UA3WNVX-TL Datasheet HTML 10Page - Rohm BU24UA3WNVX-TL Datasheet HTML 11Page - Rohm BU24UA3WNVX-TL Datasheet HTML 12Page - Rohm BU24UA3WNVX-TL Datasheet HTML 13Page - Rohm BU24UA3WNVX-TL Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300040-1-2
TSZ22111・15・001
10/11
21.MAR.2013.Rev.003
BUxxUA3WNVX series
Datasheet
●Operation Notes
1.) Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings (such as the input voltage or operating temperature range) may result in
damage to the IC. Assumptions should not be made regarding the state of the IC (e.g., short mode or open mode) when such damage
is suffered. If operational values are expected to exceed the maximum ratings for the device, consider adding protective circuitry
(such as fuses) to eliminate the risk of damaging the IC.
2.) GND potential
The potential of the GND pin must be the minimum potential in the system in all operating conditions.
Never connect a potential lower than GND to any pin, even if only transiently.
3.) Thermal design
Use a thermal design that allows for a sufficient margin for that package power dissipation rating (Pd) under actual operating
conditions.
4.) Inter-pin shorts and mounting errors
Use caution when orienting and positioning the IC for mounting on printed circuit boards. Improper mounting or
shorts between pins may result in damage to the IC.
5.) Operation in strong electromagnetic fields
Strong electromagnetic fields may cause the IC to malfunction. Caution should be exercised in applications where strong
electromagnetic fields may be present.
6.) Common impedance
Wiring traces should be as short and wide as possible to minimize common impedance. Bypass capacitors should
be use to keep ripple to a minimum.
7.) Voltage of STBY pin
To enable standby mode for all channels, set the STBY pin to 0.3 V or less, and for normal operation, to 1.2 V or more.
Setting
STBY to a voltage between 0.3 and 1.2 V may cause malfunction and should be avoided.
Keep transition time between high and
low (or vice versa) to a minimum.
Additionally, if STBY is shorted to VIN, the IC will switch to standby mode and disable the output discharge circuit, causing
a temporary voltage to remain on the output pin.
If the IC is switched on again while this voltage is present, overshoot may
occur on the output.
Therefore, in applications where these pins are shorted, the output should always be completely discharged
before turning the IC on.
8.) Over-current protection circuit (OCP)
This IC features an integrated over-current and short-protection circuitry on the output to prevent destruction of the IC when
the output is shorted.
The OCP circuitry is designed only to protect the IC from irregular conditions (such as motor output
shorts) and is not designed to be used as an active security device for the application.
Therefore, applications should not
be designed under the assumption that this circuitry will engage.
9.) Thermal shutdown circuit (TSD)
This IC also features a thermal shutdown circuit that is designed to turn the output off when the junction temperature of the
IC exceeds about 150℃.
This feature is intended to protect the IC only in the event of thermal overload and is not designed
to guarantee operation or act as an active security device for the application.
Therefore, applications should not be designed
under the assumption that this circuitry will engage.
10.) Input/output capacitor
Capacitors must be connected between the input/output pins and GND for stable operation, and should be physically mounted as
close to the IC pins as possible (refer to figure 4).
The input capacitor helps to counteract increases in power supply impedance,
and increases stability in applications with long or winding power supply traces.
The output capacitance value is directly
related to the overall stability and transient response of the regulator, and should be set to the largest possible value for
the application to increase these characteristics. During design, keep in mind that in general, ceramic capacitors have a wide
range of tolerances, temperature coefficients and DC bias characteristics, and that their capacitance values tend to decrease
over time. Confirm these details before choosing appropriate capacitors for your application.(Please refer the technical note,
regarding ceramic capacitor of
recommendation)
11.) About the equivalent series resistance (ESR) of a ceramic capacitor
Capacitors generally have ESR (equivalent series resistance)
and it operates stably in the ESR-IOUT area shown on the right.
Since ceramic capacitors, tantalum capacitors, electrolytic
capacitors, etc. generally have different ESR, please check
the ESR of the capacitor to be used and use it within the
stability area range shown in the right graph for evaluation
of the actual application.
Fig. 24
Stable region (example)
Unstable region
Cout=1.0uF Cin=1.0uF Temp=25℃
0.01
0.1
1
10
100
0
100
200
300
400
IOUT[mA]
Stable
Unstable


Số phần tương tự - BU24UA3WNVX-TL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU24UC3WG-TL ROHM-BU24UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU24UC3WG-TR ROHM-BU24UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Mô tả tương tự - BU24UA3WNVX-TL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com