công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSB1116 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện KSB1116
Giải thích chi tiết về linh kiện  Audio Frequency Power Amplifier & Medium Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB1116 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  KSB1116 Datasheet HTML 1Page - Fairchild Semiconductor KSB1116 Datasheet HTML 2Page - Fairchild Semiconductor KSB1116 Datasheet HTML 3Page - Fairchild Semiconductor KSB1116 Datasheet HTML 4Page - Fairchild Semiconductor KSB1116 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, January 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤50%
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2%
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
: KSB1116
: KSB1116A
-60
-80
V
V
VCEO
Collector-Emitter Voltage
: KSB1116
: KSB1116A
-50
-60
V
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current (DC)
-1
A
ICP
* Collector Current (Pulse)
-2
A
PC
Collector Power Dissipation
0.75
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB= -60V, IE=0
-100
nA
IEBO
Emitter Cut-off Current
VEB= -6V, IC= 0
-100
nA
hFE1
hFE2
* DC Current Gain
: KSB1116
: KSB1116A
VCE= -2V, IC= -100mA
VCE= -2V, IC = -1A
135
135
81
600
400
VBE (on)
* Base-Emitter On Voltage
VCE= -2V, IC= -50mA
-600
-650
-700
mV
VCE (sat)
* Collector-Emitter Saturation Voltage
IC= -1A, IB= -50mA
-0.2
-0.3
V
VBE (sat)
* Base-Emitter Saturation Voltage
IC= -1A, IB= -50mA
-0.9
-1.2
V
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
25
pF
fT
Current Gain Bandwidth Product
VCE= -2V, IC= -100mA
70
120
MHz
tON
Turn On Time
VCC= -10V, IC= -100mA
IB1= -IB2= -10mA
VBE (off)= 2~3V
0.07
µs
tSTG
Storage Time
0.7
µs
tF
Fall Time
0.07
µs
Classification
Y
G
L
hFE1
135 ~ 270
200 ~ 400
300 ~ 600
KSB1116/1116A
Audio Frequency Power Amplifier & Medium
Speed Switching
• Complement to KSD1616/1616A
1. Emitter 2. Collector 3. Base
TO-92
1


Số phần tương tự - KSB1116

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Foshan Blue Rocket Elec...
KSB1116 FOSHAN-KSB1116 Datasheet
911Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
KSB1116A FOSHAN-KSB1116A Datasheet
911Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Fairchild Semiconductor
KSB1116AYTA FAIRCHILD-KSB1116AYTA Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
More results

Mô tả tương tự - KSB1116

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
KSD1616 FAIRCHILD-KSD1616 Datasheet
54Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
KSB1116AYTA FAIRCHILD-KSB1116AYTA Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
List of Unclassifed Man...
2SB1116A ETC-2SB1116A Datasheet
143Kb / 3P
   AUDIO FREQUENCY POWER AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSD1616AGBU FAIRCHILD-KSD1616AGBU Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
KSD1616AGTA FAIRCHILD-KSD1616AGTA Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
NEC
2SC2654 NEC-2SC2654 Datasheet
274Kb / 4P
   Audio Frequency Power Amplifier, Medium Speed Switching
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com