công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BU1CUA3WNVX-TL bảng dữ liệu(PDF) 1 Page - Rohm |
|
BU1CUA3WNVX-TL bảng dữ liệu(HTML) 1 Page - Rohm |
1 / 14 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RBR0A300040-1-2 TSZ22111・14・001 1/11 21.MAR.2013.Rev.003 Datasheet CMOS LDO Regulator Series for Portable Equipments Versatile Package FULL CMOS LDO Regulator BUxxUA3WNVX series ●General Description BUxxUA3WNVX series is high-performance FULL CMOS regulator with 300-mA output, which is mounted on versatile package SSON004X1010 (1.00mm × 1.00 mm × 0.60mm). It has excellent noise characteristics and load responsiveness characteristics despite its low circuit current consumption of 50 μA. It is most appropriate for various applications such as power supplies for logic IC, RF, and camera modules.ROHM’s. ●Features High accuracy detection low current consumption Compatible with small ceramic capacitor (Cin=Co=1.0uF) With built-in output discharge circuit High ripple rejection ON/OFF control of output voltage With built-in over current protection circuit and thermal shutdown circuit Low dropout voltage ●Typical Application Circuit ●Key Specifications Output voltage: 1.0V to 3.7V Accuracy output voltage: ±1.0% (±25mV) Low current consumption: 50 μA Operating temperature range: -40°C to +85°C ●Applications Battery-powered portable equipment, etc. ●Package SSON004X1010 : 1.00mm x 1.00mm x 0.60mm Fig.1 Application Circuit ○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays. STBY VIN GND STBY GND GND VOUT VOUT VIN |
Số phần tương tự - BU1CUA3WNVX-TL |
|
Mô tả tương tự - BU1CUA3WNVX-TL |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |