công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1W-C1F31 bảng dữ liệu(PDF) 10 Page - Omron Electronics LLC |
|
CS1W-C1F31 bảng dữ liệu(HTML) 10 Page - Omron Electronics LLC |
10 / 15 page CJ1 Ordering Guide B-127 Programmable Controller CJ1 DeviceNet DeviceNet Slaves (continued) Item Description/Specifications Standards Part number Environment-resistant Terminals 8 input points (NPN with + common) CE DRT1-ID08C 16 input points (NPN with + common) DRT1-HD16C 16 input points (PNP with -- common) DRT1-HD16C-1 8 output points (NPN with -- common) DRT1-OD08C 16 output points (NPN with -- common) DRT1-WD16C 16 output points (PNP with + common) DRT1-WD16C-1 8 input points (NPN with + common) 8 output points (NPN with -- common) DRT1-MD16C 8 input points (PNP with -- common) 8 output points (PNP with + common) DRT1-MD16C-1 B7AC Interface Terminal 10 input points x 3 (3 branches for the B7AC) U, C, CE DRT1-B7AC Analog Input Terminals 4 input points (4 words) or 2 input points (2 words) (Set via DIP switch.) CE DRT1-AD04 4 input points (4 words) DRT1-AD04H Analog Output Terminals 2 output points (2 words) Current: 0 to 20 mA, 4 to 20 mA DRT1-DA02 Voltage: 1 to 5 V, 0to10V, -- 10to10V Temperature Input Terminals 4 thermocouple inputs (4 words) Inputs: R, S, K1, K2, J1, J2, T, E, B, N, L1, L2, U, W, PLII DRT1-TS04T 4 RTD inputs (4 words) Inputs: Pt100, JPt100 DRT1-TS04P RS-232C Module Two RS-232C ports, 16 inputs (signal status) — DRT1-232C2 Digital Controller DeviceNet-compatible Digital Controller E5EK-AA2-DRT High-density Temperature Controller DeviceNet-compatible High-density Temperature Controller E5ZE-8jD1-jB-V2 Multi-function Compact Inverter DeviceNet Communications Module DeviceNet Communications Module for the 3G3MV 3G3MV-PDRT1-SINV High-function General-purpose Inverter DeviceNet Communications Module DeviceNet Communications Module for the 3G3RV and 3G3FV 3G3FV-PDRT1-SIN Intelligent Flag III DeviceNet-compatible ID system V600-HAM42-DRT Vision Sensor Controller DeviceNet-compatible vision system F150-C10V3-DRT Super-compact Signal Converter Bases DeviceNet-compatible Bases K3FM-BIj/BOj Programmable Terminal DeviceNet Interface Module DeviceNet Interface Module for the NT31/NT631 Series NT-DRT21 DeviceNet Wireless Modules DeviceNet Wireless Master Module WD30-ME DeviceNet Wireless Slave Module WD30-SE |
Số phần tương tự - CS1W-C1F31 |
|
Mô tả tương tự - CS1W-C1F31 |