công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KM4120IT6TR3 bảng dữ liệu(PDF) 7 Page - Fairchild Semiconductor

tên linh kiện KM4120IT6TR3
Giải thích chi tiết về linh kiện  0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4120IT6TR3 bảng dữ liệu(HTML) 7 Page - Fairchild Semiconductor

Back Button KM4120IT6TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4120IT6TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4120IT6TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4120IT6TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4120IT6TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4120IT6TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4120IT6TR3 Datasheet HTML 9Page - Fairchild Semiconductor KM4120IT6TR3 Datasheet HTML 10Page - Fairchild Semiconductor KM4120IT6TR3 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
KM4110/KM4120
DATA SHEET
REV. 1A February 2001
7
General Description
The KM4110 is a single supply, general purpose, volt-
age-feedback amplifier fabricated on a complementary
bipolar process. The KM4110 offers 75MHz unity gain
bandwidth, 50V/
µs slew rate, and only 505µA supply
current. It features a rail-to-rail output stage and is
unity gain stable.
The design utilizes a patent pending topology that
provides increased slew rate performance. The common
mode input range extends to 300mV below ground
and to 1.2V below Vs. Exceeding these values will not
cause phase reversal. However, if the input voltage
exceeds the rails by more than 0.5V, the input ESD
devices will begin to conduct. The output will stay at
the rail during this overdrive condition.
The design uses a Darlington output stage. The out-
put stage is short circuit protected and offers “soft”
saturation protection that improves recovery time.
The typical circuit schematic is shown in Figure 1.
Figure 1: Typical Configuration
For optimum response at a gain of +2, a feedback resistor
of 1k
Ω is recommended. Figure 2 illustrates the
KM4110 frequency response with both 1k
Ω and 2kΩ
feedback resistors.
Enable/Disable Function (KM4120)
The KM4120 offers an active-low disable pin that can
be used to lower its supply current. Leave the pin
floating to enable the part. Pull the disable pin to the
negative supply (which is ground in a single supply
application) to disable the output. During the disable
condition, the nominal supply current will drop to
below 30
µA and the output will be at high impedance
with about 2pF capacitance.
Figure 2: Frequency Response vs. Rf
Power Dissipation
The maximum internal power dissipation allowed is
directly related to the maximum junction temperature.
If the maximum junction temperature exceeds 150°C,
some reliability degradation will occur. If the maximum
junction temperature exceeds 175°C for an extended
time, device failure may occur.
The KM4110 is short circuit protected. However, this
may not guarantee that the maximum junction tem-
perature (+150°C) is not exceeded under all condi-
tions.
Follow the maximum power derating curves
shown in Figure 3 to ensure proper operation.
Figure 3: Power Derating Curves
Overdrive Recovery
For an amplifier, an overdrive condition occurs when
the output and/or input ranges are exceeded. The
recovery time varies based on whether the input or
output is overdriven and by how much the ranges are
exceeded. The KM4110 will typically recover in less
than 20ns from an overdrive condition.
Figure 4
shows the KM4110 in an overdriven condition.
+
-
KM4110
Rf
0.01
µF
6.8
µF
Out
In
+Vs
+
Rg
Frequency (MHz)
0.1
1
10
100
G = 2
RL = 1kΩ
Rf = 1kΩ
Rf = 2kΩ
Ambient Temperature ( C)
-50
-30
-10
10
30
50
70
90
SOIC-8 lead
0
0.5
1.0
1.5
2.0
SOT23-5 lead


Số phần tương tự - KM4120IT6TR3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KM4121 FAIRCHILD-KM4121 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
logo
Samsung semiconductor
KM41256A SAMSUNG-KM41256A Datasheet
988Kb / 15P
   256K X 1 Bit Dynamic RAM with Page / Nibble Mode
KM41256AJ-10 SAMSUNG-KM41256AJ-10 Datasheet
988Kb / 15P
   256K X 1 Bit Dynamic RAM with Page / Nibble Mode
KM41256AJ-12 SAMSUNG-KM41256AJ-12 Datasheet
988Kb / 15P
   256K X 1 Bit Dynamic RAM with Page / Nibble Mode
KM41256AJ-15 SAMSUNG-KM41256AJ-15 Datasheet
988Kb / 15P
   256K X 1 Bit Dynamic RAM with Page / Nibble Mode
More results

Mô tả tương tự - KM4120IT6TR3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com