công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL2111 bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL2111
Giải thích chi tiết về linh kiện  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2111 bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL2111 Datasheet HTML 4Page - Intersil Corporation ISL2111 Datasheet HTML 5Page - Intersil Corporation ISL2111 Datasheet HTML 6Page - Intersil Corporation ISL2111 Datasheet HTML 7Page - Intersil Corporation ISL2111 Datasheet HTML 8Page - Intersil Corporation ISL2111 Datasheet HTML 9Page - Intersil Corporation ISL2111 Datasheet HTML 10Page - Intersil Corporation ISL2111 Datasheet HTML 11Page - Intersil Corporation ISL2111 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6295.6
March 8, 2012
FIGURE 13. ISL2110 PROPAGATION DELAYS vs
TEMPERATURE
FIGURE 14. ISL2111 PROPAGATION DELAYS vs
TEMPERATURE
FIGURE 15. ISL2110 DELAY MATCHING vs TEMPERATURE
FIGURE 16. ISL2111 DELAY MATCHING vs TEMPERATURE
FIGURE 17. PEAK PULL-UP CURRENT vs OUTPUT VOLTAGE
FIGURE 18. PEAK PULL-DOWN CURRENT vs OUTPUT
VOLTAGE
Typical Performance Curves (Continued)
25
30
35
40
45
50
55
-50
0
50
100
150
TEMPERATURE (°C)
tLPHL
tHPHL
tLPLH
tHPLH
25
30
35
40
45
50
55
-50
0
50
100
150
TEMPERATURE (°C)
tLPHL
tHPHL
tLPLH
tHPLH
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
-50
0
50
100
150
TEMPERATURE (°C)
tMOFF
tMON
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
-50
0
50
100
150
TEMPERATURE (°C)
tMOFF
tMON
04
8
10
12
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VLO, VHO (V)
26
04
8
10
12
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VLO, VHO (V)
26
1.0
0.5
ISL2110, ISL2111


Số phần tương tự - ISL2111

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL2111 INTERSIL-ISL2111 Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2111ABZ INTERSIL-ISL2111ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2111ABZ RENESAS-ISL2111ABZ Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2111AR4Z INTERSIL-ISL2111AR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2111AR4Z RENESAS-ISL2111AR4Z Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
More results

Mô tả tương tự - ISL2111

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com