công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2N2894 bảng dữ liệu(PDF) 3 Page - Comset Semiconductor

tên linh kiện 2N2894
Giải thích chi tiết về linh kiện  HIGH-SPEED SATURATED SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COMSET [Comset Semiconductor]
Trang chủ  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2894 bảng dữ liệu(HTML) 3 Page - Comset Semiconductor

  2N2894_12 Datasheet HTML 1Page - Comset Semiconductor 2N2894_12 Datasheet HTML 2Page - Comset Semiconductor 2N2894_12 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NPN 2N2894
15/10/2012
COMSET SEMICONDUCTORS
3 | 3
MECHANICAL DATA CASE TO-18
Revised August 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and
all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical
components in life support devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
12.7
-
B
-
0.49
C
0.9
-
D
-
5.3
E
-
4.9
F
-
5.8
G
2.54
-
H
-
1.2
I
-
1.16
L
45°
-
Pin 1 :
emitter
Pin 2 :
base
Pin 3 :
Collector
Case :
Collector


Số phần tương tự - 2N2894_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seme LAB
2N2894A SEME-LAB-2N2894A Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
logo
Central Semiconductor C...
2N2894A CENTRAL-2N2894A Datasheet
33Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2894A NJSEMI-2N2894A Datasheet
371Kb / 2P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Seme LAB
2N2894AC1 SEME-LAB-2N2894AC1 Datasheet
283Kb / 4P
   HIGH SPEED PNP SILICON BIPOLAR TRANSISTOR
2N2894ACSM SEME-LAB-2N2894ACSM Datasheet
15Kb / 2P
   HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Mô tả tương tự - 2N2894_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Comset Semiconductor
2N2894 COMSET-2N2894 Datasheet
81Kb / 2P
   HIGH-SPEED SATURATED SWITCHES
logo
STMicroelectronics
2N2894 STMICROELECTRONICS-2N2894 Datasheet
113Kb / 4P
   HIGH-SPEED SATURATED SWITCHES
BSX20 STMICROELECTRONICS-BSX20 Datasheet
65Kb / 6P
   HIGH SPEED SATURATED SWITCHES
logo
New Jersey Semi-Conduct...
2N930 NJSEMI-2N930 Datasheet
113Kb / 1P
   NPN HIGH SPEED SATURATED SWITCHES
2N834 NJSEMI-2N834 Datasheet
139Kb / 1P
   NPN HIGH SPEED SATURATED LOGIC SWITCHES
2N5910 NJSEMI-2N5910 Datasheet
191Kb / 2P
   PNP ULTRA HIGH SPEED SATURATED LOGIC SWITCHES
logo
STMicroelectronics
2N2369A STMICROELECTRONICS-2N2369A Datasheet
95Kb / 6P
   HIGH-SPEED SATURATED SWITCH
November 1988
logo
New Jersey Semi-Conduct...
2N5455 NJSEMI-2N5455 Datasheet
178Kb / 2P
   PNP HIGH SPEED SATURATED LOGIC SWITCH
FTSO5771 NJSEMI-FTSO5771 Datasheet
87Kb / 2P
   PNP Ultra High Speed Saturated Logic Switch
logo
STMicroelectronics
2N2218-2N2219 STMICROELECTRONICS-2N2218-2N2219 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com