công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LZJ3V3 bảng dữ liệu(PDF) 3 Page - Yea Shin Technology Co., Ltd

tên linh kiện LZJ3V3
Giải thích chi tiết về linh kiện  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YEASHIN [Yea Shin Technology Co., Ltd]
Trang chủ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

LZJ3V3 bảng dữ liệu(HTML) 3 Page - Yea Shin Technology Co., Ltd

  LZJ3V3 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd LZJ3V3 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd LZJ3V3 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd LZJ3V3 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd LZJ3V3 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.yeashin.com
3
REV.02 20130403
LZJ Series
ELECTRICAL CHARACTERISTICS
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ@Izt
Device
Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms) Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
26.99
27.69
28.39
B
27.70
28.42
29.13
C
28.36
29.09
29.82
LZJ30V
D
29.02
29.77
30.51
5
55
250
0.5
0.2
23
A
29.68
30.45
31.22
B
30.32
31.10
31.88
C
30.90
31.70
32.50
LZJ33V
D
31.49
32.30
33.11
5
65
250
0.5
0.2
25
A
32.14
32.97
33.79
B
32.79
33.64
34.49
C
33.40
34.27
35.13
LZJ36V
D
34.01
34.89
35.77
5
75
250
0.5
0.2
27
A
34.68
35.58
36.47
B
35.36
36.28
37.19
C
36.00
36.93
37.85
LZJ39V
D
36.63
37.58
38.52
5
85
250
0.5
0.2
30
VF (forward voltage) = 1.2 V maximum @ IF = 200mA for all types
Notes:
1. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have zener voltage as shown
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage is measured under pulse conditions such that TJ is no more than 2℃ above TA.
4. ZENER IMPEDANCE (ZZ) DERIVATION
Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the
dc zener current (IZT) is superimposed to IZT .
5. WHEN ORDERING, PLEASE SPECIFY TOLERANCE A, B. C OR D


Mô tả tương tự - LZJ3V3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com