công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KA1H0165R-TU bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện KA1H0165R-TU
Giải thích chi tiết về linh kiện  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1H0165R-TU bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  KA1H0165R-TU Datasheet HTML 1Page - Fairchild Semiconductor KA1H0165R-TU Datasheet HTML 2Page - Fairchild Semiconductor KA1H0165R-TU Datasheet HTML 3Page - Fairchild Semiconductor KA1H0165R-TU Datasheet HTML 4Page - Fairchild Semiconductor KA1H0165R-TU Datasheet HTML 5Page - Fairchild Semiconductor KA1H0165R-TU Datasheet HTML 6Page - Fairchild Semiconductor KA1H0165R-TU Datasheet HTML 7Page - Fairchild Semiconductor KA1H0165R-TU Datasheet HTML 8Page - Fairchild Semiconductor KA1H0165R-TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.3
Features
• Precision Fixed Operating Frequency (100kHz)
• Pulse by Pulse Over Current Limiting
• Over Load Protection
• Over Voltage Protection (Min. 23V)
• Internal Thermal Shutdown Function
• Under Voltage Lockout
• Internal High Voltage Sense FET
• Auto Restart Mode
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consist of
high voltage power SenseFET and current mode PWM
controller IC. PWM controller features integrated fixed
oscillator, under voltage lock out, leading edge blanking,
optimized gate turn-on/turn-off driver, thermal shut down
protection, over voltage protection, temperature compensated
precision current sources for loop compensation and fault
protection circuit compared to discrete MOSFET and
controller or RCC switching converter solution The Fairchild
Power Switch(FPS) can reduce total component count,
design size, weight and at the same time increase &
efficiency, productivity, and system reliability. It has a basic
platform well suited for cost effective design in either a
flyback converter or a forward converter.
1.6.7.8. Drain
8-DIP
1
TO-220F-4L
1
1. GND
2. Drain
3. VCC
4. F/B
2. GND
3. VCC
4. F/B
5. S/S
Internal Block Diagram
VCC
32V
5
µA
5V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
25V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
DRAIN
GND
FB
Soft Start
9V
*
* KA1H0165RN
KA1H0165RN/KA1H0165R
Fairchild Power Switch(FPS)


Số phần tương tự - KA1H0165R-TU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA1H0265 FAIRCHILD-KA1H0265 Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0265R-TU FAIRCHILD-KA1H0265R-TU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0265R-YDTU FAIRCHILD-KA1H0265R-YDTU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0265RTU FAIRCHILD-KA1H0265RTU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0265RYDTU FAIRCHILD-KA1H0265RYDTU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
More results

Mô tả tương tự - KA1H0165R-TU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com