công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD00C0AWFPS-ME2 bảng dữ liệu(PDF) 3 Page - Rohm

tên linh kiện BD00C0AWFPS-ME2
Giải thích chi tiết về linh kiện  Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BD00C0AWFPS-ME2 bảng dữ liệu(HTML) 3 Page - Rohm

  BD00C0AWFPS-ME2 Datasheet HTML 1Page - Rohm BD00C0AWFPS-ME2 Datasheet HTML 2Page - Rohm BD00C0AWFPS-ME2 Datasheet HTML 3Page - Rohm BD00C0AWFPS-ME2 Datasheet HTML 4Page - Rohm BD00C0AWFPS-ME2 Datasheet HTML 5Page - Rohm BD00C0AWFPS-ME2 Datasheet HTML 6Page - Rohm BD00C0AWFPS-ME2 Datasheet HTML 7Page - Rohm BD00C0AWFPS-ME2 Datasheet HTML 8Page - Rohm BD00C0AWFPS-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Datasheet
Datasheet
3/17
TSZ02201-0T2T0AN00050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
08.Feb.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BD00C0AWFPS-M
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply Voltage
*1
VCC
-0.3~+35.0
V
Output Control Voltage
*2
VCTL
-0.3~+35.0
V
Power Dissipation
*3
Pd
1.3
W
Operating Temperature Range
Topr
-40~+105
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*1
Not to exceed Pd.
*2
The order of starting up power supply (Vcc) and CTL pin doesn't have either in the problem within
the range of the operation power-supply voltage ahead.
*3
TO252S-5 : 70mm×70mm×1.6mm Glass-Epoxy PCB. If Ta
≥25℃, reduce by 10.4mW/℃
●Recommended Operating Ratings (-40℃
≤Ta≤+105℃)
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
Vcc
4.0
25.0
V
Output Control Voltage
VCTL
0
25.0
V
Output Current
Io
0
1.0
A
Output Voltage
Vo
3.0
15.0
V
●Electrical Characteristics
Ta=25℃, Vcc=10V, VCTL=5V, Io=50mA, Vo=5.0V output setting
(Resistor valued used between ADJ and Vo is 56.7k
Ω, while resistor value used between ADJ and GND is 10kΩ)
Parameter
Symbol
Guaranteed Limit
Unit
Conditions
Min.
Typ.
Max.
ADJ Terminal Voltage
VADJ
0.742
0.750
0.758
V
Unless otherwise specified, -40℃
≤Ta≤+105℃, Vcc=10V, VCTL=5V, Io=0mA, Vo=5.0V output setting
(Resistor valued used between ADJ and Vo is 56.7kΩ, while resistor value used between ADJ and GND is 10kΩ)
Parameter
Symbol
Guaranteed Limits
Unit
Conditions
Min.
Typ.
Max.
Shutdown Current
Isd
0
10
µA
VCTL =0V
Circuit Current
Ib
0.5
2.5
mA
ADJ Terminal Voltage
VADJ
0.727
0.750
0.773
V
IO=50mA
Dropout Voltage
ΔVd
0.3
1.0
V
VCC =VO×0.95, IO=500mA
Ripple Rejection
R.R.
45
55
dB
f=120Hz,
Input Voltage Ripple =1Vrms
IO=100mA
Line Regulation
Reg.I
20
80
mV
VCC =6→25V
Load Regulation
Reg.L
VO×0.010
VO×0.015
V
IO=5mA→1A
CTL ON Mode Voltage
VthH
2.0
V
ACTIVE MODE
CTL OFF Mode Voltage
VthL
0.8
V
OFF MODE
CTL Bias Current
ICTL
25
50
µA


Số phần tương tự - BD00C0AWFPS-ME2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
More results

Mô tả tương tự - BD00C0AWFPS-ME2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA00CC0WFPWT-V5 ROHM-BA00CC0WFPWT-V5 Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
Rohm
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com