công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD00C0AWFPS-M bảng dữ liệu(PDF) 10 Page - Rohm

tên linh kiện BD00C0AWFPS-M
Giải thích chi tiết về linh kiện  Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BD00C0AWFPS-M bảng dữ liệu(HTML) 10 Page - Rohm

Back Button BD00C0AWFPS-M Datasheet HTML 6Page - Rohm BD00C0AWFPS-M Datasheet HTML 7Page - Rohm BD00C0AWFPS-M Datasheet HTML 8Page - Rohm BD00C0AWFPS-M Datasheet HTML 9Page - Rohm BD00C0AWFPS-M Datasheet HTML 10Page - Rohm BD00C0AWFPS-M Datasheet HTML 11Page - Rohm BD00C0AWFPS-M Datasheet HTML 12Page - Rohm BD00C0AWFPS-M Datasheet HTML 13Page - Rohm BD00C0AWFPS-M Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Datasheet
Datasheet
10/17
TSZ02201-0T2T0AN00050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
08.Feb.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BD00C0AWFPS-M
Refer to the heat mitigation characteristics illustrated in Figure 19 and Figure 20 when using the IC in an environment of
Ta
≥25°C. The characteristics of the IC are greatly influenced by the operating temperature, and it is necessary to operate
under the maximum junction temperature Timax.
Even if the ambient temperature Ta is at 25°C it is possible that the junction temperature Tj reaches high temperatures.
Therefore, the IC should be operated within the power dissipation range.
Figure 19 and Figure 20 show the acceptable power dissipation characteristic curves of TO252S-5 package. Even when the
ambient temperature Ta is a normal temperature (25℃), the chip (junction) temperature Tj may be quite high so please
operate the IC at temperatures less than the acceptable loss Pd.
The following method is used to calculate the power consumption Pc (W).
Pc=(Vcc-Vo)×Io+ VCC×Ib
Acceptable loss Pd
≥Pc
The load current Io is obtained by operating the IC within the power dissipation range.
Thus, the maximum load current Iomax for the applied voltage Vcc can be calculated during the thermal design process.
Calculation Example) with TO252S-5,Ta=85℃,Vcc=10V, Vo=5V
At Ta=85℃ with Figure 20③ condition, the calculation shows that ca about 500mA of output current is possible at 5V
potential difference across input and output.
The thermal calculation shown above should be taken into consideration during the thermal design in order to keep the whole
operating temperature range within the power dissipation range.
In the event of shorting (i.e. VO and GND pins are shorted) the power consumption Pc of the IC can be calculated as follows:
Pc=VCC×(Ib+Ishort)
Pd-VCC×Ib
(Please refer to Figure.12 for Ib.)
(Please refer to Figure.8 for Ishort.)
Figure 20③:
θja=26.0℃/W → -38.4mW/℃
25℃=4.80W
→ 85℃=2.496W
IO
IO ≤ 498.2mA
(Ib: 0.5mA)
2.496-10×Ib
5
VCC
: Input voltage
VO
: Output voltage
IO
: Load current
Ib
: Circuit current
Ishort : Short current
IO
VCC-Vo


Số phần tương tự - BD00C0AWFPS-M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
More results

Mô tả tương tự - BD00C0AWFPS-M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA00CC0WFPWT-V5 ROHM-BA00CC0WFPWT-V5 Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
Rohm
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com