công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74402500030 bảng dữ liệu(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74402500030 bảng dữ liệu(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 3 page Bezeichnung : description : I Rollenspezifikation / tape and reel specification: A 4,00 ± 0,1 mm B 8,00 ± 0,1 mm C 12,0 ± 0,2 mm a 178,0 ± 2,0 mm b 21,00 ± 0,8 mm c 13,00 ± 0,5 mm d 50,00 ± 1,0 mm CZ 10-11-09 Name Datum / date Spezifikation für Freigabe / specification for release Kunde / customer : Artikelnummer / part number : 74402500030 http://www.we-online.de ............................................... ............................................ Geprüft / checked Kontrolliert / approved Datum / date Würth Elektronik Würth Elektronik eiSos GmbH & Co. KG D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Freigabe erteilt / general release: Kunde / customer .................................................................................. .................................................................................. Änderung / modification Version 1 Gurtspezifikation / Tape specification: Rollenspezifikation / Reel specification: Unterschrift / signature SPEICHERDROSSEL WE-TPC POWER-CHOKE WE-TPC DATUM / DATE : 2010-11-09 A B C Ø c a d b no component / 160 mm min. components no components / 400 mm min. End Start feeding direction This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. XXX XXX SEITE 3 VON 3 |
Số phần tương tự - 74402500030 |
|
Mô tả tương tự - 74402500030 |