công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N303AP bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện N303AP
Giải thích chi tiết về linh kiện  N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

N303AP bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  N303AP Datasheet HTML 1Page - Fairchild Semiconductor N303AP Datasheet HTML 2Page - Fairchild Semiconductor N303AP Datasheet HTML 3Page - Fairchild Semiconductor N303AP Datasheet HTML 4Page - Fairchild Semiconductor N303AP Datasheet HTML 5Page - Fairchild Semiconductor N303AP Datasheet HTML 6Page - Fairchild Semiconductor N303AP Datasheet HTML 7Page - Fairchild Semiconductor N303AP Datasheet HTML 8Page - Fairchild Semiconductor N303AP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N303AP3 / ISL9N303AS3ST / ISL9N303AS3, Rev. C1
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 4.5V)
Switching Characteristics (VGS = 10V)
Unclamped Inductive Switching
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 25V
-
-
1
µA
VGS = 0V
TC = 150
o
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA1
-
3
V
rDS(ON)
Drain to Source On Resistance
ID = 75A, VGS = 10V
-
0.0026
0.0032
ID = 75A, VGS = 4.5V
-
0.004
0.005
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
7000
-
pF
COSS
Output Capacitance
-
1350
-
pF
CRSS
Reverse Transfer Capacitance
-
570
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 75A
Ig = 1.0mA
115
172
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
61
92
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
6.5
9.8
nC
Qgs
Gate to Source Gate Charge
-
14
-
nC
Qgd
Gate to Drain “Miller” Charge
-
17
-
nC
tON
Turn-On Time
VDD = 15V, ID = 24A
VGS = 4.5V, RG = 2.4Ω
-
-
155
ns
td(ON)
Turn-On Delay Time
-
22
-
ns
tr
Rise Time
-
80
-
ns
td(OFF)
Turn-Off Delay Time
-
35
-
ns
tf
Fall Time
-
25
-
ns
tOFF
Turn-Off Time
-
-
90
ns
tON
Turn-On Time
VDD = 15V, ID = 24A
VGS = 10V, RG = 2.4Ω
-
-
123
ns
td(ON)
Turn-On Delay Time
-
12
-
ns
tr
Rise Time
-
69
-
ns
td(OFF)
Turn-Off Delay Time
-
51
-
ns
tf
Fall Time
-
21
-
ns
tOFF
Turn-Off Time
-
-
107
ns
tAV
Avalanche Time
ID = 4.1A L = 3.0 mH
275
-
-
µs
VSD
Source to Drain Diode Voltage
ISD = 75A
-
-
1.25
V
ISD = 35A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 75A, dISD/dt = 100A/µs-
-
31
ns
QRR
Reverse Recovered Charge
ISD = 75A, dISD/dt = 100A/µs-
-
20
nC


Số phần tương tự - N303AP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
N30 EPCOS-N30 Datasheet
188Kb / 6P
   Ferrites and accessories
logo
TP-Link Technologies Co...
N300 TP-LINK-N300 Datasheet
1Mb / 5P
   300Mbps Wireless N Router
logo
List of Unclassifed Man...
N3004 ETC-N3004 Datasheet
166Kb / 7P
   5 Bit Programmable Synchronous Buck Converter with Dual LDOs
logo
E-SWITCH
N301100 E-SWITCH-N301100 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
N301101 E-SWITCH-N301101 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Mô tả tương tự - N303AP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
ISL9N308AP3 FAIRCHILD-ISL9N308AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ?
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
logo
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com