công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N303AS bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện N303AS
Giải thích chi tiết về linh kiện  N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

N303AS bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  N303AS Datasheet HTML 1Page - Fairchild Semiconductor N303AS Datasheet HTML 2Page - Fairchild Semiconductor N303AS Datasheet HTML 3Page - Fairchild Semiconductor N303AS Datasheet HTML 4Page - Fairchild Semiconductor N303AS Datasheet HTML 5Page - Fairchild Semiconductor N303AS Datasheet HTML 6Page - Fairchild Semiconductor N303AS Datasheet HTML 7Page - Fairchild Semiconductor N303AS Datasheet HTML 8Page - Fairchild Semiconductor N303AS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N303AP3 / ISL9N303AS3ST / ISL9N303AS3, Rev. C1
Figure 5. Transfer Characteristics
Figure 6. Saturation Characteristics
Figure 7. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 8. Normalized Drain to Source On
Resistance vs Junction Temperature
Figure 9. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 10. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Typical Characteristics
0
30
60
90
120
150
1.522.533.5
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
30
60
90
120
150
0
0.2
0.4
0.6
0.8
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 3V
TC = 25
oC
VGS = 10V
VGS = 3.5V
2
4
6
8
10
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID = 24A
0.5
1
1.5
2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID =75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.2
0.4
0.6
0.8
1
1.2
1.4
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.0
1.1
-80
-40
0
40
80
120
160
200
1.2
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA


Số phần tương tự - N303AS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
N30 EPCOS-N30 Datasheet
188Kb / 6P
   Ferrites and accessories
logo
TP-Link Technologies Co...
N300 TP-LINK-N300 Datasheet
1Mb / 5P
   300Mbps Wireless N Router
logo
List of Unclassifed Man...
N3004 ETC-N3004 Datasheet
166Kb / 7P
   5 Bit Programmable Synchronous Buck Converter with Dual LDOs
logo
E-SWITCH
N301100 E-SWITCH-N301100 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
N301101 E-SWITCH-N301101 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Mô tả tương tự - N303AS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
ISL9N308AP3 FAIRCHILD-ISL9N308AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ?
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
logo
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com