công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N302AS bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện N302AS
Giải thích chi tiết về linh kiện  N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

N302AS bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  N302AS Datasheet HTML 1Page - Fairchild Semiconductor N302AS Datasheet HTML 2Page - Fairchild Semiconductor N302AS Datasheet HTML 3Page - Fairchild Semiconductor N302AS Datasheet HTML 4Page - Fairchild Semiconductor N302AS Datasheet HTML 5Page - Fairchild Semiconductor N302AS Datasheet HTML 6Page - Fairchild Semiconductor N302AS Datasheet HTML 7Page - Fairchild Semiconductor N302AS Datasheet HTML 8Page - Fairchild Semiconductor N302AS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1 April 2002
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (VGS =4.5V)
Switching Characteristics (VGS =10V)
Unclamped Inductive Switching
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
DraintoSourceBreakdown Voltage
ID =250µA, VGS =0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS =25V
-
-
1
µA
VGS =0V
TC =150
o
--
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS =VDS,ID =250µA1
-
3
V
rDS(ON)
Drain to Source On Resistance
ID =75A,VGS = 10V
-
0.0019
0.0023
ID =75A,VGS = 4.5V
-
0.0027
0.0033
CISS
Input Capacitance
VDS =15V,VGS =0V,
f= 1MHz
-
11000
-
pF
COSS
Output Capacitance
-
2000
-
pF
CRSS
Reverse Transfer Capacitance
-
900
-
pF
Qg(TOT)
Total GateChargeat 10V
VGS =0V to10V
VDD =15V
ID =75A
Ig =1.0mA
200
300
nC
Qg(5)
Total GateChargeat 5V
VGS =0V to 5V
-
110
165
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
12
18
nC
Qgs
Gate to Source Gate Charge
-
25
-
nC
Qgd
Gate to Drain “Miller” Charge
-
31
-
nC
tON
Turn-On Time
VDD =15V, ID =28A
VGS =4.5V, RGS =1.5Ω
--
224
ns
td(ON)
Turn-On Delay Time
-
29
-
ns
tr
Rise Time
-
120
-
ns
td(OFF)
Turn-Off Delay Time
-
45
-
ns
tf
Fall Time
-
34
-
ns
tOFF
Turn-Off Time
-
-
119
ns
tON
Turn-On Time
VDD =15V, ID =28A
VGS =10V, RGS =1.5Ω
--
204
ns
td(ON)
Turn-On Delay Time
-
16
-
ns
tr
Rise Time
-
120
-
ns
td(OFF)
Turn-Off Delay Time
-
70
-
ns
tf
Fall Time
-
30
-
ns
tOFF
Turn-Off Time
-
-
150
ns
tAV
Avalanche Time
ID = 7.2A, L = 3.0mH
480
-
-
µs
VSD
Source to Drain Diode Voltage
ISD = 75A
-
-
1.25
V
ISD = 40A
-
-
1.0
V
trr
Reverse Recovery Time
ISD =75A,dISD/dt = 100A/µs-
-
42
ns
QRR
Reverse Recovered Charge
ISD =75A,dISD/dt = 100A/µs-
-
34
nC


Số phần tương tự - N302AS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
N302AP FAIRCHILD-N302AP Datasheet
122Kb / 10P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
More results

Mô tả tương tự - N302AS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
ISL9N306AP3 FAIRCHILD-ISL9N306AP3 Datasheet
205Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AD3ST FAIRCHILD-ISL9N307AD3ST Datasheet
189Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AP3 FAIRCHILD-ISL9N312AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N322AP3 FAIRCHILD-ISL9N322AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N316AD3ST FAIRCHILD-ISL9N316AD3ST Datasheet
187Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N302AP3 FAIRCHILD-ISL9N302AP3 Datasheet
122Kb / 10P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N310AP3 FAIRCHILD-ISL9N310AP3 Datasheet
149Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AD3 FAIRCHILD-ISL9N312AD3 Datasheet
275Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N318AD3ST FAIRCHILD-ISL9N318AD3ST Datasheet
184Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AP3 FAIRCHILD-ISL9N307AP3 Datasheet
141Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com