công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM78L10 bảng dữ liệu(PDF) 3 Page - HTC Korea TAEJIN Technology Co. |
|
LM78L10 bảng dữ liệu(HTML) 3 Page - HTC Korea TAEJIN Technology Co. |
3 / 11 page 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR LM78LXX Jun. 2012 - Rev. 1.5 - 3 - HTC Ordering Information (Continued) VOUT Package Order No. Description Supplied As Status LM78L10 0.1A, Positive Bulk Active TO-92 LM78L10TA 0.1A, Positive Taping Active 10V SOT-89 LM78L10F 0.1A, Positive Reel Active LM78L12 0.1A, Positive Bulk Active TO-92 LM78L12TA 0.1A, Positive Taping Active 12V SOT-89 LM78L12F 0.1A, Positive Reel Active LM78L15 0.1A, Positive Bulk Active TO-92 LM78L15TA 0.1A, Positive Taping Active 15V SOT-89 LM78L15F 0.1A, Positive Reel Active LM78L18 0.1A, Positive Bulk Active TO-92 LM78L18TA 0.1A, Positive Taping Active 18V SOT-89 LM78L18F 0.1A, Positive Reel Active LM78L24 0.1A, Positive Bulk Active TO-92 LM78L24TA 0.1A, Positive Taping Active 24V SOT-89 LM78L24F 0.1A, Positive Reel Active LM 78L XX Package Type Root Name Product Code Output Voltage (V) : 05 / 06 / 08 / 09/ 10 / 12 / 15 / 18 / 24 Blank TA F D : TO-92 (Bulk) : TO-92 (Taping) : SOT-89 : SOP-8 Tolerance Blank A : 4 % : 2 % |
Số phần tương tự - LM78L10 |
|
Mô tả tương tự - LM78L10 |