công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4758A bảng dữ liệu(PDF) 1 Page - Yea Shin Technology Co., Ltd |
|
1N4758A bảng dữ liệu(HTML) 1 Page - Yea Shin Technology Co., Ltd |
1 / 6 page DATA SHEET SEMICONDUCTOR http://www.yeashin.com 1 REV.03 20121011 1N4728A~1N4764A 1 Watt DO-41G Hermetically Sealed Glass Zener Voltage Regulators Maximum Ratings Rating Symbol Value Unit Maximum Steady State Power Dissipation @ TL ≤50°C, Lead Length = 3/8” Derate Above 50°C PD 1.0 6.67 W mW/°C Operating and Storage Temperature Range TJ, Tstg -65 to +200 °C Specification Features • Zener Voltage Range = 3.3 V to 100 V • ESD Rating of Class 3 (>16 KV) per Human Body Model • DO-41G Package • Double Slug Type Construction • Metallurgical Bonded Construction • Oxide Passivated Die Mechanical Characteristics Case : Double slug type, hermetically sealed glass Finish : All external surfaces are corrosion resistant and leads are readily solderable. Polarity : Cathode indicated by polarity band Mounting: Any Maximum Lead Temperature for Soldering Purposes 260°C, 1/16” from the case for 10 seconds AXIAL LEAD DO41G Cathode Anode 1N 47 xxA 1N47xxA = Device Code MARKING DIAGRAM .107(2.71) .080(2.04) .034(0.86) .028(0.72) |
Số phần tương tự - 1N4758A |
|
Mô tả tương tự - 1N4758A |