công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1213YRUZ-REEL bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADG1213YRUZ-REEL
Giải thích chi tiết về linh kiện  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1213YRUZ-REEL bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADG1213YRUZ-REEL Datasheet HTML 1Page - Analog Devices ADG1213YRUZ-REEL Datasheet HTML 2Page - Analog Devices ADG1213YRUZ-REEL Datasheet HTML 3Page - Analog Devices ADG1213YRUZ-REEL Datasheet HTML 4Page - Analog Devices ADG1213YRUZ-REEL Datasheet HTML 5Page - Analog Devices ADG1213YRUZ-REEL Datasheet HTML 6Page - Analog Devices ADG1213YRUZ-REEL Datasheet HTML 7Page - Analog Devices ADG1213YRUZ-REEL Datasheet HTML 8Page - Analog Devices ADG1213YRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADG1211/ADG1212/ADG1213
Rev. B | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Y Version1
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
120
Ω typ
VS = ±10 V, IS = −1 mA; see Figure 20
190
230
260
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between
Channels (∆RON)
2.5
Ω typ
VS = ±10 V, IS = −1 mA
6
10
11
Ω max
On Resistance Flatness (RFLAT(ON))
20
Ω typ
VS = −5 V/0 V/+5 V; IS = −1 mA
57
72
79
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.02
nA typ
VS = ±10 V, VD =
10 V; see Figure 21
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off)
±0.02
nA typ
VS = ±10 V, VD =
10 V; see Figure 21
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (On)
±0.02
nA typ
VS = VD = ±10 V; see Figure 22
±0.1
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS2
tON
110
ns typ
RL = 300 Ω, CL = 35 pF
130
160
195
ns max
VS = 10 V; see Figure 23
tOFF
85
ns typ
RL = 300 Ω, CL = 35 pF
115
130
150
ns max
VS = 10 V; see Figure 23
Break-Before-Make Time Delay, tD
25
ns typ
RL = 300 Ω, CL = 35 pF
(ADG1213 Only)
10
ns min
VS1 = VS2 = 10 V; see Figure 24
Charge Injection
−0.3
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 25
Off Isolation
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 26
Channel-to-Channel Crosstalk
90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
Total Harmonic Distortion + Noise
0.15
% typ
RL = 10 kΩ, 5 V rms, f = 20 Hz to 20 kHz
−3 dB Bandwidth
1000
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 28
CS (Off)
0.9
pF typ
VS = 0 V, f = 1 MHz
1.1
pF max
VS = 0 V, f = 1 MHz
CD (Off)
1
pF typ
VS = 0 V, f = 1 MHz
1.2
pF max
VS = 0 V, f = 1 MHz
CD, CS (On)
2.6
pF typ
VS = 0 V, f = 1 MHz
3
pF max
VS = 0 V, f = 1 MHz


Số phần tương tự - ADG1213YRUZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results

Mô tả tương tự - ADG1213YRUZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com