công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7888ARU bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7888ARU
Giải thích chi tiết về linh kiện  2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7888ARU bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7888ARU Datasheet HTML 1Page - Analog Devices AD7888ARU Datasheet HTML 2Page - Analog Devices AD7888ARU Datasheet HTML 3Page - Analog Devices AD7888ARU Datasheet HTML 4Page - Analog Devices AD7888ARU Datasheet HTML 5Page - Analog Devices AD7888ARU Datasheet HTML 6Page - Analog Devices AD7888ARU Datasheet HTML 7Page - Analog Devices AD7888ARU Datasheet HTML 8Page - Analog Devices AD7888ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD7888
–4–
Limit at TMIN, TMAX
(A, B Versions)
Parameter
4.75 V to 5.25 V
2.7 V to 3.6 V
Unit
Description
fSCLK
2
2
2
MHz max
tCONVERT
14.5 tSCLK
14.5 tSCLK
tACQ
1.5 tSCLK
1.5 tSCLK
Throughput Time = tCONVERT + tACQ = 16 tSCLK
t1
10
10
ns min
CS to SCLK Setup Time
t2
3
30
60
ns max
Delay from
CS until DOUT 3-State Disabled
t3
3
75
100
ns max
Data Access Time after SCLK Falling Edge
t4
20
20
ns min
Data Setup Time Prior to SCLK Rising Edge
t5
20
20
ns min
Data Valid to SCLK Hold Time
t6
0.4 tSCLK
0.4 tSCLK
ns min
SCLK High Pulsewidth
t7
0.4 tSCLK
0.4 tSCLK
ns min
SCLK Low Pulsewidth
t8
4
80
80
ns max
CS Rising Edge to DOUT High Impedance
t9
55
µs typ
Power-Up Time from Shutdown
NOTES
1Sample tested at 25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V DD) and timed from a voltage level of 1.6 V.
2Mark/Space ratio for the SCLK input is 40/60 to 60/40. See Serial Interface section.
3Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.4 V with V
DD = 5 V
± 10% and time for an output to
cross 0.4 V or 2.0 V with VDD = 3 V
± 10%.
4t
8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number i s then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
Specifications subject to change without notice.
TIMING SPECIFICATIONS1 (T
A = TMIN to TMAX, unless otherwise noted)
1.6V
IOL
200 A
200 A
IOH
TO
OUTPUT
PIN
CL
50pF
Figure 1. Load Circuit for Digital Output Timing Specifications
REV. C


Số phần tương tự - AD7888ARU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888ARU AD-AD7888ARU Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888ARU AD-AD7888ARU Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARU AD-AD7888ARU Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7888ARU-REEL AD-AD7888ARU-REEL Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARU-REEL AD-AD7888ARU-REEL Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
More results

Mô tả tương tự - AD7888ARU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com