công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA2903YFVE2 bảng dữ liệu(PDF) 3 Page - Rohm |
|
BA2903YFVE2 bảng dữ liệu(HTML) 3 Page - Rohm |
3 / 32 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RFR1G200120-1-2 TSZ22111・15・001 3/29 11.Mar.2013 Rev.003 BA2903Yxxx-C, BA2901Yxx-C Datasheet ●Ordering Information B A 2 9 0 x Y x x x - C x x Part Number BA2903Yxxx BA2901Yxx Package F : SOP8 SOP14 FV : SSOP-B8 : SSOP-B14 FVM : MSOP8 Packaging and forming specification C: Automotive (engine control unit, electric power steering, antilock braking system, etc.) E2: Embossed tape and reel (SOP8/SOP14/SSOP-B8/ SSOP-B14) TR: Embossed tape and reel (MSOP8) ●Line-up Topr Operating Supply Voltage Dual/Quad Package Orderable Part Number -40℃ to +125℃ +2.0V ~ +36V Dual SOP8 Reel of 2500 BA2903YF-CE2 SSOP-B8 Reel of 2500 BA2903YFV-CE2 MSOP8 Reel of 3000 BA2903YFVM-CTR Quad SOP14 Reel of 2500 BA2901YF-CE2 SSOP-B14 Reel of 2500 BA2901YFV-CE2 ●Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Ratings Unit Supply Voltage VCC-VEE +36 V Power dissipation Pd SOP8 775 *1*6 mW SSOP-B8 625 *2*6 MSOP8 600 *3*6 SOP14 560 *4*6 SSOP-B14 870 *5*6 Differential Input Voltage *7 Vid +36 V Input Common-mode Voltage Range Vicm (VEE-0.3) to (VEE+36) V Input Current *8 Ii -10 mA Operating Temperature Range Topr -40 to +125 ℃ Storage Temperature Range Tstg -55 to +150 ℃ Maximum junction Temperature Tjmax +150 ℃ Note : Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. *1 To use at temperature above Ta=25℃ reduce 6.2mW/℃. *2 To use at temperature above Ta=25℃ reduce 5.5mW/℃. *3 To use at temperature above Ta=25℃ reduce 4.8mW/℃. *4 To use at temperature above Ta=25℃ reduce 4.9mW/℃. *5 To use at temperature above Ta=25℃ reduce 7.0mW/℃. *6 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). *7 The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. *8 Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting resistance is used. |
Số phần tương tự - BA2903YFVE2 |
|
Mô tả tương tự - BA2903YFVE2 |