công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5544TEX-75.0M-T1K bảng dữ liệu(PDF) 2 Page - Pletronics, Inc. |
|
SM5544TEX-75.0M-T1K bảng dữ liệu(HTML) 2 Page - Pletronics, Inc. |
2 / 8 page SM55T Series 1.8 V CMOS Clock Oscillators April 2010 www.pletronics.com 425-776-1880 2 Part Number: SM55 45 T E X -75.0M -XX Part Marking: Packaging code or blank T250 = 250 per Tape and Reel T500 = 500 per Tape and Reel T1K = 1000 per Tape and Reel PFF.FFF M C YMDxx -or- PFF.FFF C YYWWxx -or- PLE SM55 FF.FFF M CYMDxx -or- P5xYWWx C FF.FF Mxxx -or- 5xYWWxx FF.FFF M CPLE xxx Frequency in MHz Supply Voltage V CC X = 1.8V 10% Optional Enhanced OTR Blank = Temp. range -10 to +70 oC C = Temp. range -20 to +70 oC E = Temp. range -40 to +85 oC Series Model Frequency Stability 45 = 50 ppm 44 = 25 ppm 20 = 20 ppm Series Model Marking Legend: PLE = Pletronics FF.FFF M = Frequency in MHz YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day) All other marking is internal factory codes Specifications such as frequency stability, supply voltage and operating temperature range, etc. are not identified from the marking. External packaging labels and packing list will correctly identify the ordered Pletronics part number. Codes for Date Code YMD Code 10 1234 Code AB C D E F G H J K L M Year 2010 2011 2012 2013 2014 Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC Code 123456789 A B C D E F G Day 1 23456789 10 11 12 13 14 15 16 Code H J K L M N P R T U V W X Y Z Day 171819202122232425262728 2930 31 |
Số phần tương tự - SM5544TEX-75.0M-T1K |
|
Mô tả tương tự - SM5544TEX-75.0M-T1K |