công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5544JEV-75.0M-T250 bảng dữ liệu(PDF) 1 Page - Pletronics, Inc.

tên linh kiện SM5544JEV-75.0M-T250
Giải thích chi tiết về linh kiện  SM55J Series 2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PLETRONICS [Pletronics, Inc.]
Trang chủ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544JEV-75.0M-T250 bảng dữ liệu(HTML) 1 Page - Pletronics, Inc.

  SM5544JEV-75.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5544JEV-75.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5544JEV-75.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5544JEV-75.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5544JEV-75.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5544JEV-75.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5544JEV-75.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5544JEV-75.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P roduct inform ation is current as of publication date. T he product conform s
Copyright © 2010 Pletronics
Inc.
to specifications per the term s of the P letronics standard warranty. Production
processsing does not necessarily include testing of all param eters.
SM55J Series 2.5 V
CMOS Clock Oscillators
March 2013
• Pletronics’ SM55J Series is a quartz crystal
controlled precision square wave generator with a
CMOS output.
• The package is designed for high density surface
m ount designs.
• This is a low cost m ass produced oscillator.
• Tape and Reel or cut tape packaging is available.
• 40 to 170 MHz
• 3.2 x 5 m m LCC Ceram ic Package
• Enable/Disable Function
• Disable function includes low standby power
m ode
• 3
Overtone Crystals used
rd
• Low Jitter
P R E L I M I N A R Y
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2011/65/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadm ium , Hexavalent Chrom ium , Lead, Mercury, PBB’s, PBDE’s
W eight of the Device: 0.064 gram s
Moisture Sensitivity Level: 1
As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Param eter
Unit
CC
V
Supply Voltage
-0.3V to +4.0V
CC
Vi
Input Voltage
-0.3V to V
+ 0.3V
CC
Vo
Output Voltage
-0.3V to V
+ 0.3V
Io
Output Current
+20 m A to -20 m A
Thermal Characteristics
The m axim um die or junction tem perature is 125 C
o
The therm al resistance junction to board is 30 to 50 C/W att depending on the solder pads, ground plane
o
and construction of the PCB.


Số phần tương tự - SM5544JEV-75.0M-T250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pletronics, Inc.
SM5544JEV-75.0M-T250 PLETRONICS-SM5544JEV-75.0M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5544JEV-75.0M-T250 PLETRONICS-SM5544JEV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
More results

Mô tả tương tự - SM5544JEV-75.0M-T250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pletronics, Inc.
SM5545JX-750M-T250 PLETRONICS-SM5545JX-750M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JV-750M-T250 PLETRONICS-SM5545JV-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com